| 전자부품 데이터시트 검색엔진 |
|
FT601Q-B-R 데이터시트(PDF) 8 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT601Q-B-R 데이터시트(HTML) 8 Page - Future Technology Devices International Ltd. |
|
8 / 33 page ![]() Copyright © Future Technology Devices International Limited 8 FT600Q-FT601Q IC DatasheetDatasheet Version 1.04 Document No.: FT_001118 Clearance No.: FTDI#424 DATA_9 Parallel FIFO bus data I/O bit 9. I/O 51 46 DATA_10 Parallel FIFO bus data I/O bit 10. I/O 52 47 DATA_11 Parallel FIFO bus data I/O bit 11. I/O 53 48 DATA_12 Parallel FIFO bus data I/O bit 12. I/O 54 53 DATA_13 Parallel FIFO bus data I/O bit 13. I/O 55 54 DATA_14 Parallel FIFO bus data I/O bit 14. I/O 56 55 DATA_15 Parallel FIFO bus data I/O bit 15. I/O 57 56 DATA_16 Parallel FIFO bus data I/O bit 16. I/O 60 N/A DATA_17 Parallel FIFO bus data I/O bit 17. I/O 61 N/A DATA_18 Parallel FIFO bus data I/O bit 18. I/O 62 N/A DATA_19 Parallel FIFO bus data I/O bit 19. I/O 63 N/A DATA_20 Parallel FIFO bus data I/O bit 20. I/O 64 N/A DATA_21 Parallel FIFO bus data I/O bit 21. I/O 65 N/A DATA_22 Parallel FIFO bus data I/O bit 22. I/O 66 N/A DATA_23 Parallel FIFO bus data I/O bit 23. I/O 67 N/A DATA_24 Parallel FIFO bus data I/O bit 24. I/O 69 N/A DATA_25 Parallel FIFO bus data I/O bit 25. I/O 70 N/A DATA_26 Parallel FIFO bus data I/O bit 26. I/O 71 N/A DATA_27 Parallel FIFO bus data I/O bit 27. I/O 72 N/A DATA_28 Parallel FIFO bus data I/O bit 28. I/O 73 N/A DATA_29 Parallel FIFO bus data I/O bit 29. I/O 74 N/A DATA_30 Parallel FIFO bus data I/O bit 30. I/O 75 N/A DATA_31 Parallel FIFO bus data I/O bit 31. I/O 76 N/A BE_0 Parallel FIFO bus byte enable I/O bit 0. I/O 4 2 BE_1 Parallel FIFO bus byte enable I/O bit 1. I/O 5 3 BE_2 Parallel FIFO bus byte enable I/O bit 2. I/O 6 N/A BE_3 Parallel FIFO bus byte enable I/O bit 3. I/O 7 N/A TXE_N 245 Synchronous FIFO mode: Transmit FIFO Empty output signal. The signal indicates there is a minimum of 1 byte of space available to write to. Only write to the FIFO when this signal is logic 0. Multi-Channel FIFO mode: Status Valid output signal (optional). O 8 4 |