전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S29GL01GS10DFIV13 데이터시트(PDF) 38 Page - Cypress Semiconductor

부품명 S29GL01GS10DFIV13
상세설명  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS10DFIV13 데이터시트(HTML) 38 Page - Cypress Semiconductor

Back Button S29GL01GS10DFIV13 Datasheet HTML 34Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 35Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 36Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 37Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 38Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 39Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 40Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 41Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 42Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 38 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
5.5.2.6
DQ5: Exceeded Timing Limits
DQ5 indicates whether the program or erase time has exceeded a specified internal pulse count limit. Under these conditions DQ5
produces a 1. This is a failure condition that indicates the program or erase cycle was not successfully completed. The system must
issue the reset command to return the device to reading array data.
When a timeout occurs, the software must send a reset command to clear the timeout bit (DQ5) and to return the EAC to read array
mode. In this case, it is possible that the flash will continue to communicate busy for up to 2 µs after the reset command is sent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More