전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S29GL01GS10DFIV13 데이터시트(PDF) 48 Page - Cypress Semiconductor

부품명 S29GL01GS10DFIV13
상세설명  1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29GL01GS10DFIV13 데이터시트(HTML) 48 Page - Cypress Semiconductor

Back Button S29GL01GS10DFIV13 Datasheet HTML 44Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 45Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 46Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 47Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 48Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 49Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 50Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 51Page - Cypress Semiconductor S29GL01GS10DFIV13 Datasheet HTML 52Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 108 page
background image
Document Number: 001-98285 Rev. *R
Page 48 of 108
S29GL01GS/S29GL512S
S29GL256S/S29GL128S
Notes:
1. State will automatically move to READ state at the completion of the operation.
2. Also known as Erase Suspend/Program Suspend Legacy Method.
Notes:
1. State will automatically move to PS state by tPSL.
2. Also known as Erase Resume/Program Resume Legacy Method.
WB
WC > 256 or
SA
 SA
WB
––––
-
––
–
PG
WC
 256
and SA = SA
WB_D
WB_D
Write Buffer
Write Buffer
WB_D
–––––––
PG
WC = 0
PBF
WC > 0 and
Write Buffer =
Write Buffer
WB_D
PBF
–
–––––
PG
––
PG
PG1
–
PG1
–––––––
PG
PG (1)
SR(7) = 0
PG
–
PGSR (PG)
––
–
PSR (PG)
PSR (PG)
PG
SR(7) = 1
READ
READ
WBUL1
––
SR(7) = 1 and
SR(1) = 0
Table 5.15 Program Unlock State Command Transition
Current State
Command
and
Condition
Read
Software
Reset / ASO
Exit
Status
Register
Read Enter
Unlock 2
NOT a valid “Write-to-Buffer-Abort Reset” Command
Address
RA
xh
x555h
x2AAh
NOT x555h
xh
NOT x2AAh
xh
Data
RD
xF0h
x70h
x55h
xh
NOT xF0h
xh
NOT x55h
WBUL1
–
WBUL1
––
WBUL2
––
––
SR(3) = 1
PG
PG
DQ(1) = 1
WBUL2
-
WBUL2
READ
––
––
––
SR(3) = 1
PG
PG
DQ(1) = 1
PGSR
–
(return)
–––––––
Table 5.16 Program Suspend State Command Transition
Current State
Command and
Condition
Read
Status Register
Read Enter
Status Register
Clear
Erase Resume Enhanced
Method (2)
Program Resume
Enhanced Method
Address
RA
x555h
x555h
xh
xh
Data
RD
x70h
x71h
x30h
x50h
PSR (1)
–
PSR
PGSR (PSR)
––
–
PS
–
PS
PSSR (PS)
PS
PG
PG
PSSR
–
(return)
––
–
–
Table 5.14 Program State Command Transition
Current
State
Command
and Condition
Read
Software
Reset / ASO
Exit
Status
Register
Read Enter
Status
Register
Clear
Unlock 1
Program
Buffer to
flash
(confirm)
Erase
Suspend
Enhanced
Method (2)
Program
Suspend
Enhanced
Method
Write
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More