전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SALTC399XP-256F300S 데이터시트(PDF) 3 Page - Infineon Technologies AG

부품명 SALTC399XP-256F300S
상세설명  AURIX™ TC39x variants
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SALTC399XP-256F300S 데이터시트(HTML) 3 Page - Infineon Technologies AG

  SALTC399XP-256F300S Datasheet HTML 1Page - Infineon Technologies AG SALTC399XP-256F300S Datasheet HTML 2Page - Infineon Technologies AG SALTC399XP-256F300S Datasheet HTML 3Page - Infineon Technologies AG SALTC399XP-256F300S Datasheet HTML 4Page - Infineon Technologies AG SALTC399XP-256F300S Datasheet HTML 5Page - Infineon Technologies AG SALTC399XP-256F300S Datasheet HTML 6Page - Infineon Technologies AG SALTC399XP-256F300S Datasheet HTML 7Page - Infineon Technologies AG SALTC399XP-256F300S Datasheet HTML 8Page - Infineon Technologies AG SALTC399XP-256F300S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
1
TC39x BD step variants
1.1
TC39x BD step (part 1)
A table listing the TC39x BD step variants.
Table 1
TC39x variants
SAL-
TC399XX-256F
300S
SAL-
TC399XP-256
F300S
SAL-
TC397XP-256
F300S
SAK-
TC399XP-256
F300S
SAK-
TC399XX-256
F300S
SAK-
TC397XP-256
F300S
SAK-
TC397XA-256
F300S
Step
BD
BD
BD
BD
BD
BD
BD
Production status
Standard
Standard
Standard
Standard
Standard
Standard
Standard
Package type
PG-LFBGA-516 PG-LFBGA-516 PG-LFBGA-292 PG-LFBGA-516 PG-LFBGA-516 PG-LFBGA-292 PG-LFBGA-292
Pinout
LFBGA 0.8 mm LFBGA 0.8 mm LFBGA 0.8 mm LFBGA 0.8 mm LFBGA 0.8 mm LFBGA 0.8 mm
ADAS
Reference silicon
TC39x
TC39x
TC39x
TC39x
TC39x
TC39x
TC39x
Temperature range (ambient)
-40°C up to
+150°C
-40°C up to
+150°C
-40°C up to
+150°C
-40°C up to
+125°C
-40°C up to
+125°C
-40°C up to
+125°C
-40°C up to
+125°C
Chip ID
Attention: The value of SCU_CHIPID in the UCODE field contains the default value 0 not the µCode version.
0xAF019993
0x8F019993
0x8F019793
0x8F019993
0xAF019993
0x8F019793
0xBF019793
Cores / checker cores
6/4
6/4
6/4
6/4
6/4
6/4
6/4
Maximum frequency (MHz)
300
300
300
300
300
300
300
Program flash (MB)
16
16
16
16
16
16
16
Data flash 0 (single-ended) (KB)
1024
1024
1024
1024
1024
1024
1024
Total SRAM (without EMEM and Cache) (KB)
2528
2528
2528
2528
2528
2528
2528
EMEM Size (KB)
4096
0
0
0
4096
0
4096
AURIX™ TC39x variants
1 TC39x BD step variants
Datasheet Addendum
3
v1.3
2019-06
OPEN MARKET VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com