전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SALTC399XP-256F300S 데이터시트(PDF) 7 Page - Infineon Technologies AG

부품명 SALTC399XP-256F300S
상세설명  AURIX™ TC39x variants
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SALTC399XP-256F300S 데이터시트(HTML) 7 Page - Infineon Technologies AG

Back Button SALTC399XP-256F300S Datasheet HTML 3Page - Infineon Technologies AG SALTC399XP-256F300S Datasheet HTML 4Page - Infineon Technologies AG SALTC399XP-256F300S Datasheet HTML 5Page - Infineon Technologies AG SALTC399XP-256F300S Datasheet HTML 6Page - Infineon Technologies AG SALTC399XP-256F300S Datasheet HTML 7Page - Infineon Technologies AG SALTC399XP-256F300S Datasheet HTML 8Page - Infineon Technologies AG SALTC399XP-256F300S Datasheet HTML 9Page - Infineon Technologies AG SALTC399XP-256F300S Datasheet HTML 10Page - Infineon Technologies AG SALTC399XP-256F300S Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Table 2
TC39x BD step (part 2) (continued)
SAK-
TC397QA-160F30
0S
SAK-
TC397XX-256F3
00S
SAK-
TC397QP-192F3
00S
SAK-
TC397QP-256F3
00S
SAK-
TC397XZ-256F3
00S
SAK-
TC397XM-256F3
00S
240 in CPU0&1;
96 other
240 in CPU0&1;
96 other
240 in CPU0&1;
96 other
240 in CPU0&1;
96 other
240 in CPU0&1;
96 other
240 in CPU0&1;
96 other
DLMU (KB)
64 per CPU
64 per CPU
64 per CPU
64 per CPU
64 per CPU
64 per CPU
PSPR (KB)
64
64
64
64
64
64
LMU (KB)
512
768
0
768
0
768
DAM (KB)
0
128
0
128
0
128
AMU2)
No
No
No
No
No
No
ADC (primary groups/channels)
4/26
5/40
5/40
5/40
5/40
5/40
ADC (secondary groups/channels)
4/42
4/60
4/60
4/60
4/60
4/60
ADC (fast compare channels)
8
8
8
8
8
8
ADC (EDSADC channels)
6
6
6
6
6
6
CAN (modules/nodes)
3/3x4
3/3x4
3/3x4
3/3x4
3/3x4
3/3x4
FlexRay (modules/channels)
2/2x2
2/2x2
2/2x2
2/2x2
2/2x2
2/2x2
HSSL modules
2
2
2
2
2
2
ASCLIN modules / with ASC and LIN / with 3-wire SPI
12/12/9
12/12/11
12/12/11
12/12/11
12/12/11
12/12/11
QSPI modules / with LVDS
6/1
6/2
6/2
6/2
6/2
6/2
SENT channels
2
AMU is abbreviated as ASC Modeling Unit. For Additional details about AMU, Contact an Infineon
Representative
AURIX™ TC39x variants
1 TC39x BD step variants
Datasheet Addendum
7
v1.3
2019-06
OPEN MARKET VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com