전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SALTC399XP-256F300S 데이터시트(PDF) 1 Page - Infineon Technologies AG

부품명 SALTC399XP-256F300S
상세설명  AURIX™ TC39x variants
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SALTC399XP-256F300S 데이터시트(HTML) 1 Page - Infineon Technologies AG

  SALTC399XP-256F300S Datasheet HTML 1Page - Infineon Technologies AG SALTC399XP-256F300S Datasheet HTML 2Page - Infineon Technologies AG SALTC399XP-256F300S Datasheet HTML 3Page - Infineon Technologies AG SALTC399XP-256F300S Datasheet HTML 4Page - Infineon Technologies AG SALTC399XP-256F300S Datasheet HTML 5Page - Infineon Technologies AG SALTC399XP-256F300S Datasheet HTML 6Page - Infineon Technologies AG SALTC399XP-256F300S Datasheet HTML 7Page - Infineon Technologies AG SALTC399XP-256F300S Datasheet HTML 8Page - Infineon Technologies AG SALTC399XP-256F300S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
AURIX™ TC39x variants
About this document
Scope and purpose
This document is an addendum to the TC39x Product Data Sheet and User's Manual, listing all planned product
variants, key parameters such as memory size and optional features.
The User's Manual lists functions implemented on the Silicon, but this document counts functions that are
pinning dependent; i.e. functions are counted that are connected to at least one package pin. As pins are
overlaid with several functions the pinning needs to be checked (see Product Data Sheet) to determine the
number of usable functions in an application.
Naming conventions
Prefix:
•
SAK: Tambient Temperature Range from -40 °C up to +125 °C.
•
SAL: Tambient Temperature Range from -40 °C up to +150 °C (packaged device).
Feature package:
•
P: Standard feature.
•
E: Emulation device with all features of the emulated standard type, additionally full MCDS, overlay
functionality for calibration, AGBT as trace interface for development (depending on the package).
•
C,V,Z: Customer Specific.
•
A: ADAS ext. Memory.
•
T: ADAS + emulation.
•
X: Extended Feature device. These products contain the extended memory (EMEM) of the ADAS subsystem.
The ADAS peripherals SPU, RIF and CIF are not available.
•
M: MotionWise software.
•
F: Extended Flash.
•
G: Additional Connectivity.
•
H: ADAS Standard feature.
•
N: Standard feature with AMU.
Datasheet Addendum
Please read the Important Notice and Warnings at the end of this document
v1.3
www.infineon.com
2019-06
OPEN MARKET VERSION


유사한 부품 번호 - SALTC399XP-256F300S

제조업체부품명데이터시트상세설명
logo
Sharma Electro Componen...
SAL SHARMA-SAL Datasheet
449Kb / 2P
Tantalum Capacitors
logo
Eravant
SAL-1441443015-06-S1-RL ERAVANT-SAL-1441443015-06-S1-RL Datasheet
307Kb / 5P
D-Band Rectangular Lens Corrected Antenna, 137 to 143
Rev 1.1
SAL-2532733005-28-S1 ERAVANT-SAL-2532733005-28-S1 Datasheet
356Kb / 3P
Lens Corrected Antenna, 25 to 27 GHz, 30 dB Gain
SAL-2734032220-28-S1-RL ERAVANT-SAL-2734032220-28-S1-RL Datasheet
339Kb / 4P
Ka-Band Lens Corrected Antenna, 26.5 to 40 GHz, 22 dBi Gain
Rev 1.2
SAL-3333732212-250-S1 ERAVANT-SAL-3333732212-250-S1 Datasheet
328Kb / 5P
Ka-Band Lens Corrected Antenna, 33 to 37 GHz, 22 dBi Gain
Rev. 1.1
More results

유사한 설명 - SALTC399XP-256F300S

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE9260-3QX INFINEON-TLE9260-3QX Datasheet
6Mb / 175P
Dedicated Data Sheets are available for the different product variants
TLE9260QX INFINEON-TLE9260QX Datasheet
5Mb / 141P
Dedicated Data Sheets are available for the different product variants
TLE9260QXV33 INFINEON-TLE9260QXV33 Datasheet
5Mb / 141P
Dedicated Data Sheets are available for the different product variants
TLE9261QXV33 INFINEON-TLE9261QXV33 Datasheet
6Mb / 153P
Dedicated Data Sheets are available for the different product variants
TLE9262-3QX INFINEON-TLE9262-3QX Datasheet
7Mb / 197P
Dedicated Data Sheets are available for the different product variants
TLE9262QX INFINEON-TLE9262QX Datasheet
6Mb / 163P
Dedicated Data Sheets are available for the different product variants
TLE9262QXV33 INFINEON-TLE9262QXV33 Datasheet
6Mb / 164P
Dedicated Data Sheets are available for the different product variants
TLE9263QX INFINEON-TLE9263QX Datasheet
6Mb / 164P
Dedicated Data Sheets are available for the different product variants
TLE9263QXV33 INFINEON-TLE9263QXV33 Datasheet
6Mb / 165P
Dedicated Data Sheets are available for the different product variants
logo
TT Electronics.
T40 TTELEC-T40 Datasheet
439Kb / 3P
Termination variants
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com