전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KB019 데이터시트(PDF) 9 Page - Pico Technology Ltd.

부품명 KB019
상세설명  6 GHz vector network analyzer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PICO [Pico Technology Ltd.]
홈페이지  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

KB019 데이터시트(HTML) 9 Page - Pico Technology Ltd.

Back Button KB019 Datasheet HTML 5Page - Pico Technology Ltd. KB019 Datasheet HTML 6Page - Pico Technology Ltd. KB019 Datasheet HTML 7Page - Pico Technology Ltd. KB019 Datasheet HTML 8Page - Pico Technology Ltd. KB019 Datasheet HTML 9Page - Pico Technology Ltd. KB019 Datasheet HTML 10Page - Pico Technology Ltd. KB019 Datasheet HTML 11Page - Pico Technology Ltd. KB019 Datasheet HTML 12Page - Pico Technology Ltd. KB019 Datasheet HTML 13Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
PicoVNA™ 106 vector network analyzer
De-embedding embedded port interfaces
When it is unsafe to assume the above ideal interconnecting connectors cables or microstrip lines; for example to achieve greater accuracy or to remove known imperfections in
a test setup, we can choose instead to de-embed the interface networks on each measurement port. The PicoVNA 2 software simply requires a full Touchstone .s2p file for the
embedded interfacing network on each port. Likewise, defined networks can be embedded into the measurement to achieve a desired simulated measurement. As for a calibration,
best accuracy will be achieved when the embedding network is defined at the same frequency points as the intended measurement. Unusually for a vector network analyzer, the
PicoVNA 2 software will interpolate where necessary and possible.
Z
0 impedance reference
System measurement impedance (default 50 Ω) can be mathematically converted to any value between 10 Ω and 200 Ω. The PicoVNA 2 software also supports the use of external
matching pads and calibration in the new impedance using a calibration kit of that impedance.
P1dB utility
The 1 dB gain compression point of amplifiers and other active devices can be measured using a power
sweep, either at a test frequency or over a sweep of test frequencies. The VNA determines the small-signal
gain of the amplifier at low input power, and then increases the power and notes the point at which the gain
has fallen by 1 dB. This utility uses a second-order curve fit to determine interpolated 1 dB compression
points.
Time domain transmission step responses (top) and frequency responses (bottom) of two lowpass filters
Time domain transmission and reflectometry measurements
Time domain reflectometry is useful in the measurement of a transmission line; in
particular the distance-to-fault location of any discontinuity due to connectors, damage
or design error. To achieve this, the PicoVNA 2 software determines from its frequency
domain measurements the time domain response to a step input. Using a sweep
of harmonically related frequencies, an inverse fast Fourier transform of reflected
frequency data (S
11) gives the impulse response in the time domain. The impulse
response is then integrated to give the step response. Reflected components of the step,
occurring at measurable delays after excitation, indicate the type of discontinuity and
(assuming a known velocity of propagation) the distance from the calibration plane.
A similar technique is used to derive a TDT (time domain transmission) signal from
the transmitted signal data (S
21). This can be used to measure the pulse response or
transition time of amplifiers, filters and other networks.
The PicoVNA 2 software supports Hanning and Kaiser–Bessel lowpass filtering on its
time-domain IFFT conversions, preserving magnitude and phase, and achieving best
resolution. A DC-coupled DUT is essential to the method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com