전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KB019 데이터시트(PDF) 1 Page - Pico Technology Ltd.

부품명 KB019
상세설명  6 GHz vector network analyzer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PICO [Pico Technology Ltd.]
홈페이지  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

KB019 데이터시트(HTML) 1 Page - Pico Technology Ltd.

  KB019 Datasheet HTML 1Page - Pico Technology Ltd. KB019 Datasheet HTML 2Page - Pico Technology Ltd. KB019 Datasheet HTML 3Page - Pico Technology Ltd. KB019 Datasheet HTML 4Page - Pico Technology Ltd. KB019 Datasheet HTML 5Page - Pico Technology Ltd. KB019 Datasheet HTML 6Page - Pico Technology Ltd. KB019 Datasheet HTML 7Page - Pico Technology Ltd. KB019 Datasheet HTML 8Page - Pico Technology Ltd. KB019 Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
6 GHz vector network analyzer
PicoVNA™ 106
Professional and portable performance at low cost
300 kHz to 6 GHz operation
High speed of > 5000 dual port S-parameters per second
Quad RX four-receiver architecture for best accuracy
118 dB dynamic range at 10 Hz bandwidth
0.005 dB RMS trace noise at maximum bandwidth of 140 kHz
Half-rack, small-footprint, lightweight package
PC-controlled over USB from a Microsoft Windows interface
Reference plane offsetting and de-embedding
Time domain and port impedance transformations
Tabular and graphic print and save formats, including Touchstone
P1dB, AM to PM, and stand-alone signal generator utilities
Fully accessible, guided 8 and 12-term calibration processes
6 calibration modes, including unknown thru and connected DUT isolation
www.picotech.com


유사한 부품 번호 - KB019

제조업체부품명데이터시트상세설명
logo
Nihon Kaiheiki Industry...
KB01KW01-01 NKK-KB01KW01-01 Datasheet
162Kb / 5P
Complement to KB Pushbuttons
KB01KW01-05 NKK-KB01KW01-05 Datasheet
162Kb / 5P
Complement to KB Pushbuttons
KB01KW01-12 NKK-KB01KW01-12 Datasheet
162Kb / 5P
Complement to KB Pushbuttons
KB01KW01-24 NKK-KB01KW01-24 Datasheet
162Kb / 5P
Complement to KB Pushbuttons
KB01KW01-5C NKK-KB01KW01-5C Datasheet
162Kb / 5P
Complement to KB Pushbuttons
More results

유사한 설명 - KB019

제조업체부품명데이터시트상세설명
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
M9485A PXIe Multiport Vector Network Analyzer
N9923A KEYSIGHT-N9923A Datasheet
2Mb / 18P
N9923A FieldFox RF Vector Network Analyzer
N9923A-308 KEYSIGHT-N9923A-308 Datasheet
2Mb / 18P
Vector Network Analyzer
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
M9309A PXIe Vector Network Analyzer Synthesizer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
M9389A PXIe Vector Network Analyzer Source
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
M9485A PXIe Multiport Vector Network Analyzer
logo
Analog Devices
ADL5960 AD-ADL5960 Datasheet
275Kb / 11P
10 MHz to 20 GHz, Integrated Vector Network Analyzer Front-End
logo
Mini-Circuits
EVNA-63+ MINI-EVNA-63+ Datasheet
1Mb / 16P
Vector Network Analyzer
REV. A
logo
Pico Technology Ltd.
100 PICO-100 Datasheet
7Mb / 42P
6 GHz and 8.5 GHz vector network analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com