전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KB019 데이터시트(PDF) 14 Page - Pico Technology Ltd.

부품명 KB019
상세설명  6 GHz vector network analyzer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PICO [Pico Technology Ltd.]
홈페이지  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

KB019 데이터시트(HTML) 14 Page - Pico Technology Ltd.

Back Button KB019 Datasheet HTML 9Page - Pico Technology Ltd. KB019 Datasheet HTML 10Page - Pico Technology Ltd. KB019 Datasheet HTML 11Page - Pico Technology Ltd. KB019 Datasheet HTML 12Page - Pico Technology Ltd. KB019 Datasheet HTML 13Page - Pico Technology Ltd. KB019 Datasheet HTML 14Page - Pico Technology Ltd. KB019 Datasheet HTML 15Page - Pico Technology Ltd. KB019 Datasheet HTML 16Page - Pico Technology Ltd. KB019 Datasheet HTML 17Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
PicoVNA™ 106 vector network analyzer
Measuring functions
Measuring parameters
S
11, S21, S22, S12
P1dB, 1 dB gain compression
AM-PM conversion factor
Error correction
12 error term full S-parameter correction (insertable DUT)
12 error term full S-parameter correction (non-insertable DUT)
8 error term full S-parameter unknown thru correction (non-insertable DUT)
S
11 (1-port correction)
De-embed (2 embedding networks may be specified)
Impedance conversion
S
21 (normalize, normalize + isolation)
S
21 (source match correction + normalize + isolation)
Averaging, smoothing
Hanning and Kaiser–Bessel filtering on time-domain measurements
Electrical length compensation (manual)
Electrical length compensation (auto)
Effective dielectric constant correction
Display channels
4 channels
Traces
2 traces per display channel
Display formats
Amplitude (logarithmic and linear), phase, group delay, VSWR, real,
imaginary, Smith chart, polar, time domain
Memory trace
One per display channel
Limit lines
6 segments per channel (overlap allowed)
Markers
8 markers
Marker functions
Normal, Δ marker, fixed marker, peak / min. hold, 3 dB and 6 dB bandwidth
Sweep functions
Sweep type
Linear sweep
CW sweep (timed sweep)
Power sweep (P1dB utility)
Sweep times
Bandwidth
S
21 cal
12-term cal
140 kHz
25 ms
37 ms
10 kHz
52 ms
90 ms
1 kHz
306 ms
0.6 s
100 Hz
2.85 s
5.7 s
10 Hz
28.5 s
57 s
10 MHz to 6 GHz, 201 point sweep
Number of sweep points, VNA mode
51, 101, 201, 401, 801, 1001, 2001, 4001, 5001, 6001, 7001, 8001,
9001,10001
Number of sweep points, TDR mode
512, 1024, 2048, 4096



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com