| 전자부품 데이터시트 검색엔진 |
|
STM32F429NG 데이터시트(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F429NG 데이터시트(HTML) 60 Page - STMicroelectronics |
|
60 / 231 page ![]() Pinouts and pin description STM32F427xx STM32F429xx 60/231 DocID024030 Rev 6 51 73 N12 P12 92 M2 104 L13 PB12 I/O FT TIM1_BKIN, I2C2_SMBA, SPI2_NSS/I2S2_WS, USART3_CK, CAN2_RX, OTG_HS_ULPI_D5, ETH_MII_TXD0/ETH_R MII_TXD0, OTG_HS_ID, EVENTOUT 52 74 M12 P13 93 N1 105 K14 PB13 I/O FT TIM1_CH1N, SPI2_SCK/I2S2_CK, USART3_CTS, CAN2_TX, OTG_HS_ULPI_D6, ETH_MII_TXD1/ETH_R MII_TXD1, EVENTOUT OTG_HS_ VBUS 53 75 M13 R14 94 K3 106 R14 PB14 I/O FT TIM1_CH2N, TIM8_CH2N, SPI2_MISO, I2S2ext_SD, USART3_RTS, TIM12_CH1, OTG_HS_DM, EVENTOUT 54 76 L13 R15 95 J3 107 R15 PB15 I/O FT RTC_REFIN, TIM1_CH3N, TIM8_CH3N, SPI2_MOSI/I2S2_SD, TIM12_CH2, OTG_HS_DP, EVENTOUT 55 77 L12 P15 96 L2 108 L15 PD8 I/O FT USART3_TX, FMC_D13, EVENTOUT 56 78 K13 P14 97 M1 109 L14 PD9 I/O FT USART3_RX, FMC_D14, EVENTOUT 57 79 K11 N15 98 H4 110 K15 PD10 I/O FT USART3_CK, FMC_D15, LCD_B3, EVENTOUT Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |