| 전자부품 데이터시트 검색엔진 |
|
STM32F429NG 데이터시트(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F429NG 데이터시트(HTML) 62 Page - STMicroelectronics |
|
62 / 231 page ![]() Pinouts and pin description STM32F427xx STM32F429xx 62/231 DocID024030 Rev 6 - 91 G11 J15 110 G4 133 J15 PG6 I/O FT FMC_INT2, DCMI_D12, LCD_R7, EVENTOUT - 92 G12 J14 111 H1 134 J14 PG7 I/O FT USART6_CK, FMC_INT3, DCMI_D13, LCD_CLK, EVENTOUT - 93 F13 H14 112 G2 135 H14 PG8 I/O FT SPI6_NSS, USART6_RTS, ETH_PPS_OUT, FMC_SDCLK, EVENTOUT -94 J7 G12 113 D2 136 G10 VSS S -95 E6 H13 114 G1 137 G11 VDD S 63 96 F9 H15 115 F2 138 H15 PC6 I/O FT TIM3_CH1, TIM8_CH1, I2S2_MCK, USART6_TX, SDIO_D6, DCMI_D0, LCD_HSYNC, EVENTOUT 64 97 F10 G15 116 F3 139 G15 PC7 I/O FT TIM3_CH2, TIM8_CH2, I2S3_MCK, USART6_RX, SDIO_D7, DCMI_D1, LCD_G6, EVENTOUT 65 98 F11 G14 117 E4 140 G14 PC8 I/O FT TIM3_CH3, TIM8_CH3, USART6_CK, SDIO_D0, DCMI_D2, EVENTOUT 66 99 F12 F14 118 E3 141 F14 PC9 I/O FT MCO2, TIM3_CH4, TIM8_CH4, I2C3_SDA, I2S_CKIN, SDIO_D1, DCMI_D3, EVENTOUT 67 100 E13 F15 119 F1 142 F15 PA8 I/O FT MCO1, TIM1_CH1, I2C3_SCL, USART1_CK, OTG_FS_SOF, LCD_R6, EVENTOUT Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |