| 전자부품 데이터시트 검색엔진 |
|
STM32F429NG 데이터시트(PDF) 75 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F429NG 데이터시트(HTML) 75 Page - STMicroelectronics |
|
75 / 231 page ![]() Port B PB11 - TIM2_ CH4 -- I2C2_ SDA -- USART3_ RX -- OTG_HS_ ULPI_D4 ETH_MII_ TX_EN/ ETH_RMII _TX_EN - - LCD_G5 EVEN TOUT PB12 - TIM1_ BKIN -- I2C2_ SMBA SPI2_ NSS/I2 S2_WS - USART3_ CK - CAN2_RX OTG_HS_ ULPI_D5 ETH_MII_ TXD0/ETH _RMII_ TXD0 OTG_HS_ ID -- EVEN TOUT PB13 - TIM1_ CH1N -- - SPI2_ SCK/I2 S2_CK - USART3_ CTS -CAN2_TX OTG_HS_ ULPI_D6 ETH_MII_ TXD1/ETH _RMII_TX D1 -- - EVEN TOUT PB14 - TIM1_ CH2N - TIM8_ CH2N - SPI2_ MISO I2S2ext_ SD USART3_ RTS - TIM12_CH1 - - OTG_HS_ DM -- EVEN TOUT PB15 RTC_ REFIN TIM1_ CH3N - TIM8_ CH3N - SPI2_ MOSI/I2 S2_SD - - - TIM12_CH2 - - OTG_HS_ DP -- EVEN TOUT Port C PC0 - - - - - - - - - - OTG_HS_ ULPI_STP - FMC_SDN WE -- EVEN TOUT PC1 - - - - - - - - - - - ETH_MDC - - - EVEN TOUT PC2 - - - - - SPI2_ MISO I2S2ext_ SD -- - OTG_HS_ ULPI_DIR ETH_MII_ TXD2 FMC_ SDNE0 -- EVEN TOUT PC3 - - - - - SPI2_ MOSI/I2 S2_SD -- - - OTG_HS_ ULPI_NXT ETH_MII_ TX_CLK FMC_ SDCKE0 -- EVEN TOUT PC4 - - - - - - - - - - - ETH_MII_ RXD0/ETH _RMII_ RXD0 -- - EVEN TOUT PC5 - - - - - - - - - - - ETH_MII_ RXD1/ETH _RMII_ RXD1 -- - EVEN TOUT PC6 - - TIM3_ CH1 TIM8_ CH1 - I2S2_ MCK -- USART6_ TX - - - SDIO_D6 DCMI_ D0 LCD_ HSYNC EVEN TOUT PC7 - - TIM3_ CH2 TIM8_ CH2 -- I2S3_ MCK - USART6_ RX - - - SDIO_D7 DCMI_ D1 LCD_G6 EVEN TOUT Table 12. STM32F427xx and STM32F429xx alternate function mapping (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS TIM1/2 TIM3/4/5 TIM8/9/ 10/11 I2C1/ 2/3 SPI1/2/ 3/4/5/6 SPI2/3/ SAI1 SPI3/ USART1/ 2/3 USART6/ UART4/5/7 /8 CAN1/2/ TIM12/13/14 /LCD OTG2_HS /OTG1_ FS ETH FMC/SDIO /OTG2_FS DCMI LCD SYS |