| 전자부품 데이터시트 검색엔진 |
|
STM32F429NG 데이터시트(PDF) 222 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F429NG 데이터시트(HTML) 222 Page - STMicroelectronics |
|
222 / 231 page ![]() Application block diagrams STM32F427xx STM32F429xx 222/231 DocID024030 Rev 6 Figure 105. USB controller configured in dual mode and used in full speed mode 1. External voltage regulator only needed when building a VBUS powered device. 2. The current limiter is required only if the application has to support a VBUS powered device. A basic power switch can be used if 5 V are available on the application board. 3. The ID pin is required in dual role only. 4. The same application can be developed using the OTG HS in FS mode to achieve enhanced performance thanks to the large Rx/Tx FIFO and to a dedicated DMA controller. |