| 전자부품 데이터시트 검색엔진 |
|
PIC16F570 데이터시트(PDF) 76 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F570 데이터시트(HTML) 76 Page - Microchip Technology |
|
76 / 134 page ![]() PIC16F527 DS40001652C-page 76 2012-2014 Microchip Technology Inc. SWAPF Swap Nibbles in f Syntax: [ label ] SWAPF f,d Operands: 0 f 31 d [0,1] Operation: (f<3:0>) (dest<7:4>); (f<7:4>) (dest<3:0>) Status Affected: None Description: The upper and lower nibbles of register ‘f’ are exchanged. If ‘d’ is ‘0’, the result is placed in W register. If ‘d’ is ‘1’, the result is placed in register ‘f’. TRIS Load TRIS Register Syntax: [ label ] TRIS f Operands: f = 6 Operation: (W) TRIS register f Status Affected: None Description: TRIS register ‘f’ (f = 6, 7 or 8) is loaded with the contents of the W register XORLW Exclusive OR literal with W Syntax: [ label ]XORLW k Operands: 0 k 255 Operation: (W) .XOR. k W) Status Affected: Z Description: The contents of the W register are XOR’ed with the 8-bit literal ‘k’. The result is placed in the W register. XORWF Exclusive OR W with f Syntax: [ label ] XORWF f,d Operands: 0 f 31 d [0,1] Operation: (W) .XOR. (f) dest) Status Affected: Z Description: Exclusive OR the contents of the W register with register ‘f’. If ‘d’ is ‘0’, the result is stored in the W register. If ‘d’ is ‘1’, the result is stored back in register ‘f’. |