전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F570 데이터시트(PDF) 15 Page - Microchip Technology

부품명 PIC16F570
상세설명  20-Pin, 8-Bit Flash Microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F570 데이터시트(HTML) 15 Page - Microchip Technology

Back Button PIC16F570 Datasheet HTML 11Page - Microchip Technology PIC16F570 Datasheet HTML 12Page - Microchip Technology PIC16F570 Datasheet HTML 13Page - Microchip Technology PIC16F570 Datasheet HTML 14Page - Microchip Technology PIC16F570 Datasheet HTML 15Page - Microchip Technology PIC16F570 Datasheet HTML 16Page - Microchip Technology PIC16F570 Datasheet HTML 17Page - Microchip Technology PIC16F570 Datasheet HTML 18Page - Microchip Technology PIC16F570 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 134 page
background image
 2012-2014 Microchip Technology Inc.
DS40001652C-page 15
PIC16F527
Bank 2
N/A
W(2)
Working Register (W)
xxxx xxxx
xxxx xxxx
N/A
TRIS
I/O Control Registers (TRISA, TRISB, TRISC)
1111 1111
1111 1111
N/A
OPTION
Contains control bits to configure Timer0 and Timer0/WDT prescaler
1111 1111
1111 1111
N/A
BSR(2)
—
—
—
—
—
—
BSR1
BSR0
---- -000
---- -0uu
40h
INDF
Uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
uuuu uuuu
41h
TMR0
Timer0 module Register
xxxx xxxx
uuuu uuuu
42h
PCL(1)
Low-order eight bits of PC
1111 1111
1111 1111
43h
STATUS(2)
Reserved
Reserved
PA0
TO
PD
ZDC
C
-001 1xxx
-00q qqqq
44h
FSR(2)
—
Indirect data memory address pointer
0xxx xxxx
0uuu uuuu
45h
OSCCAL
CAL6
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
—
1111 111-
uuuu uuu-
46h
PORTA
—
—
RA5
RA4
RA3
RA2
RA1
RA0
--xx xxxx
--uu uuuu
47h
PORTB
RB7
RB6
RB5
RB4
—
—
—
—
xxxx ----
uuuu ----
48h
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
uuuu uuuu
49h
ADCON0
ADCS1
ADCS0
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
1111 1100
1111 1100
4Ah
ADRES
ADC Conversion Result
xxxx xxxx
uuuu uuuu
4Bh
INTCON0
ADIF
CWIF
T0IF
RAIF
—
—
—
GIE
0000 ---0
0000 ---0
Bank 3
N/A
W(2)
Working Register (W)
xxxx xxxx
xxxx xxxx
N/A
TRIS
I/O Control Registers (TRISA, TRISB, TRISC)
1111 1111
1111 1111
N/A
OPTION
Contains control bits to configure Timer0 and Timer0/WDT prescaler
1111 1111
1111 1111
N/A
BSR(2)
—
—
—
—
—
—
BSR1
BSR0
---- -000
---- -0uu
60h
INDF
Uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
uuuu uuuu
61h
IW(3)
Interrupt Working Register. (Addressed also as W register when within ISR)
xxxx xxxx
xxxx xxxx
62h
PCL(1)
Low-order eight bits of PC
1111 1111
1111 1111
63h
STATUS(2)
Reserved
Reserved
PA0
TO
PD
ZDC
C
-001 1xxx
-00q qqqq
64h
FSR(2)
—
Indirect data memory address pointer
0xxx xxxx
0uuu uuuu
65h
INTCON1
ADIE
CWIE
T0IE
RAIE
—
—
—
WUR
0000 ---0
0000 ---0
66h
ISTATUS(3)
Reserved
Reserved
PA0
TO
PD
ZDC
C
-xxx xxxx
-00q qqqq
67h
IFSR(3)
—
Indirect data memory address pointer
0xxx xxxx
0uuu uuuu
68h
IBSR(3)
—
—
—
—
—
—
BSR1
BSR0
---- -0xx
---- -0uu
69h
OPACON
—
—
—
—
—
—
OPA2ON
OPA1ON ---- --00
---- --00
6Bh
INTCON0
ADIF
CWIF
T0IF
RAIF
—
—
—
GIE
0000 ---0
0000 ---0
TABLE 4-1:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR/BOR
Value on all
other Resets
Legend:
x = unknown, u = unchanged, – = unimplemented, read as '0' (if applicable), q = value depends on condition.
Shaded cells = unimplemented or unused
Note 1:
The upper byte of the Program Counter is not directly accessible. See Section 4.6 “Program Counter” for an explanation of how to access
these bits.
2:
Registers are implemented as two physical registers. When executing from within an ISR, a secondary register is used at the same logical
location. Both registers are persistent. See Section 8.11 “Interrupts”.
3:
These registers show the contents of the registers in the other context: ISR or main line code. See Section 8.11 “Interrupts”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com