전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F570 데이터시트(PDF) 113 Page - Microchip Technology

부품명 PIC16F570
상세설명  20-Pin, 8-Bit Flash Microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F570 데이터시트(HTML) 113 Page - Microchip Technology

Back Button PIC16F570 Datasheet HTML 109Page - Microchip Technology PIC16F570 Datasheet HTML 110Page - Microchip Technology PIC16F570 Datasheet HTML 111Page - Microchip Technology PIC16F570 Datasheet HTML 112Page - Microchip Technology PIC16F570 Datasheet HTML 113Page - Microchip Technology PIC16F570 Datasheet HTML 114Page - Microchip Technology PIC16F570 Datasheet HTML 115Page - Microchip Technology PIC16F570 Datasheet HTML 116Page - Microchip Technology PIC16F570 Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 134 page
background image
 2012-2014 Microchip Technology Inc.
DS40001652C-page 113
PIC16F527
17.0 PACKAGING INFORMATION
17.1
Package Marking Information
*
Standard PICmicro® device marking consists of Microchip part number, year code, week code and
traceability code. For PICmicro device marking beyond this, certain price adders apply. Please check
with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP
price.
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
20-Lead PDIP (300 mil)
Example
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
YYWWNNN
PIC16F527
1307123
-E/P 3
e
20-Lead SOIC (7.50 mm)
Example
-E/SO 3
e
1307123
PIC16F527



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More