전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM6680ATR 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 PM6680ATR
상세설명  Dual synchronous step-down controller with adjustable output voltages plus LDO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680ATR 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button PM6680ATR Datasheet HTML 6Page - STMicroelectronics PM6680ATR Datasheet HTML 7Page - STMicroelectronics PM6680ATR Datasheet HTML 8Page - STMicroelectronics PM6680ATR Datasheet HTML 9Page - STMicroelectronics PM6680ATR Datasheet HTML 10Page - STMicroelectronics PM6680ATR Datasheet HTML 11Page - STMicroelectronics PM6680ATR Datasheet HTML 12Page - STMicroelectronics PM6680ATR Datasheet HTML 13Page - STMicroelectronics PM6680ATR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Electrical characteristics
PM6680A
10/48
Table 5.
Electrical characteristics (continued)
(TA = -40 °C to 125 °C, unless otherwise specified. All parameters at operating temperature
extremes are guaranteed by design and statistical analysis (not production tested).
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Minimum on time
On time pulse width@Vin = 24 V
FSEL to GND
OUT1=3.3 V
595
700
805
ns
OUT2=1.8 V
190
225
260
FSEL to VREF
OUT1=3.3 V
400
470
545
OUT2=1.8 V
145
170
200
FSEL to LDO5
OUT1=3.3 V
300
355
410
OUT2=1.8 V
105
125
145
Minimum off time
TOFFMIN @ Vin = 24 V
350
500
ns
Voltage reference
VREF
Voltage accuracy
4V < VLDO5 < 5.5 V
1.224
1.236
1.249
V
Load regulation
-100 µA < IREF < 100 µA
-4
4
mV
Undervoltage lockout fault
threshold
Falling edge of REF
0.95
mV
PWM comparator
FB
Voltage accuracy
-909
900
909
mV
FB
Input bias current
0.1
µA
COMP
Over voltage clamp
Normal mode
250
mV
Pulse skip mode
60
COMP
Under voltage clamp
-150
Line regulation
Both SMPS, 6V < VIN < 36V
(2)
1%
LDO5 linear regulation
VLDO5
LDO5 linear output voltage
6 V < VIN < 36 V,
0 < ILDO5 < 50 mA
4.9
5.0
5.1
V
LDO5 line regulation
6 V < VIN < 36 V,
ILDO5 = 20 mA ,
0.004
%/V
ILDO5
LDO5 current limit
VLDO5 > UVLO
270
330
400
mA
ULVO
Under voltage lockout of
LDO5
3.94
4
4.13
V
2. By demoboard test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com