전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DTS 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers

부품명 DTS
상세설명  MIL-DTL-38999 Aluminium
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

DTS 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers

  DTS Datasheet HTML 1Page - List of Unclassifed Manufacturers DTS Datasheet HTML 2Page - List of Unclassifed Manufacturers DTS Datasheet HTML 3Page - List of Unclassifed Manufacturers DTS Datasheet HTML 4Page - List of Unclassifed Manufacturers DTS Datasheet HTML 5Page - List of Unclassifed Manufacturers DTS Datasheet HTML 6Page - List of Unclassifed Manufacturers DTS Datasheet HTML 7Page - List of Unclassifed Manufacturers DTS Datasheet HTML 8Page - List of Unclassifed Manufacturers DTS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
2
DTS Advantages / Avantages
2
1
Threaded coupling with self locking.
2
100 % scoop-proof shells.
3
High resistance mechanical aluminium
shells.
4
Stainless steel shells for hermetic
version.
5
Corrosion : 500 hours salt spray
protection for class W.
6
R.F.I. fingers.
7
Plugs and receptacles are equiped with
thermoplastic and elastomer insert.
8
Thermoplastic clips molded directly with
insert.
9
Hermetic receptacle shells with glass
insert.
10 Removable crimping contacts
(SAE-AS 39029).
11 Sealing receptacle with contacts for
printed circuit board.
12 Hermetic receptacle with solder
contacts, contacts for printed circuit
board.
13 Connector in accordance with
specifications MIL-DTL-38999 series III.
14 Connector QPL (to order as per QPL).
1
Verrouillage rapide à vis 3 filets.
2
Boîtier 100 % scoop-proof.
3
Boîtier en alliage d’aluminium à haute
résistance mécanique.
4
Boîtier en inox pour les hermétiques.
5
Protection 500 heures au brouillard salin
en finition W pour la version étanche.
6 Fiches avec couronne de masse R.F.I.
7 Fiches et embases étanches avec isolant
en résine et élastomère de synthèse.
8 Clips thermoplastiques de rétention des
contacts, moulés dans l’isolant central.
9
Embases hermétiques à scellement verre
métal.
10 Contacts à sertir démontables
(SAE-AS 39029).
11 Contacts à picots pour connecteur
étanche.
12 Contacts à souder et à picot pour
embases hermétiques non démontables.
13 Les connecteurs DTS répondent aux
normes MIL-DTL-38999 série III.
14 Connecteur QPL (commander suivant
QPL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com