전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DTS 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers

부품명 DTS
상세설명  MIL-DTL-38999 Aluminium
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

DTS 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button DTS Datasheet HTML 6Page - List of Unclassifed Manufacturers DTS Datasheet HTML 7Page - List of Unclassifed Manufacturers DTS Datasheet HTML 8Page - List of Unclassifed Manufacturers DTS Datasheet HTML 9Page - List of Unclassifed Manufacturers DTS Datasheet HTML 10Page - List of Unclassifed Manufacturers DTS Datasheet HTML 11Page - List of Unclassifed Manufacturers DTS Datasheet HTML 12Page - List of Unclassifed Manufacturers DTS Datasheet HTML 13Page - List of Unclassifed Manufacturers DTS Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
8
DTS Part Numbering System / Système de référence
Connector type
Type de connecteur
Connector type
Type de connecteur
Fastening type
N : Rope and ring
R : Rope only
Type d’attache
N : Cordelette avec bague
R : Cordelette seule
Shell size
Taille du boîtier
09-11-13-15-17-19-21-23-25
Shell type
20 : Protective cover for receptacle
26 : Protective cover for plug
Type de boîtier
20 : Bouchon de protection pour embase
26 : Bouchon de protection pour fiche
Dummy receptacle
Prise de repos
Deutsch system - Protective cover / Système Deutsch - Bouchon de protection
Example of order / Exemple de commande : DTS-W-N 20-15
Deutsch system - Dummy receptacle / Système Deutsch - Prise de repos
Example of order / Exemple de commande : DTS-PR 21 W
Shell size
Taille du boîtier
09-11-13-15-17-19-21-23-25
Finish
F- Nickel
W- Olive drab cadmium
Finition
F- Nickelé
W- Cadmié vert olive
DTS
-W
-
N
20
-
15
DTS
-
PR
21
W
Finish
Nickel :F
Olive drab cadmium :W
Finition
Nickelé :F
Cadmié vert olive :W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com