| 전자부품 데이터시트 검색엔진 |
|
PCF8545ATT 데이터시트(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8545ATT 데이터시트(HTML) 20 Page - NXP Semiconductors |
|
20 / 72 page ![]() PCF8545 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 1 — 13 November 2013 20 of 72 NXP Semiconductors PCF8545 Universal LCD driver for multiplex rates up to 1:8 8.3 Possible display configurations The PCF8545 is a versatile peripheral device designed to interface between any microcontroller to a wide variety of LCD segment or dot matrix displays (see Figure 10). It can drive multiplexed LCD with 4, 6, or 8 backplanes and up to 44 segments. The display configurations possible with the PCF8545 depend on the required number of active backplane outputs. A selection of possible display configurations is given in Table 22. [1] 7 segment display has 8 elements including the decimal point. [2] 14 segment display has 16 elements including decimal point and accent dot. All of the display configurations in Table 22 can be implemented in the typical systems shown in Figure 11 and Figure 12. Fig 10. Example of displays suitable for PCF8545 Table 22. Selection of display configurations Number of Digits/Characters Dot matrix/ Elements Backplanes Segments Icons 7 segment[1] 14 segment[2] 8 40 320 40 20 320 6 42 252 31 15 252 4 44 176 22 11 176 |