전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8545ATT 데이터시트(PDF) 25 Page - NXP Semiconductors

부품명 PCF8545ATT
상세설명  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT 데이터시트(HTML) 25 Page - NXP Semiconductors

Back Button PCF8545ATT Datasheet HTML 21Page - NXP Semiconductors PCF8545ATT Datasheet HTML 22Page - NXP Semiconductors PCF8545ATT Datasheet HTML 23Page - NXP Semiconductors PCF8545ATT Datasheet HTML 24Page - NXP Semiconductors PCF8545ATT Datasheet HTML 25Page - NXP Semiconductors PCF8545ATT Datasheet HTML 26Page - NXP Semiconductors PCF8545ATT Datasheet HTML 27Page - NXP Semiconductors PCF8545ATT Datasheet HTML 28Page - NXP Semiconductors PCF8545ATT Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 13 November 2013
25 of 72
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
8.5.2 1:6 Multiplex drive mode
When six backplanes are provided in the LCD, the 1:6 multiplex drive mode applies. The
PCF8545 allows use of 1⁄3 bias or 1⁄4 bias in this mode as shown in Figure 15 and
Figure 16. These waveforms are drawn for the case of line inversion (see
Section 8.1.3.2).
Vstate1(t) = VSn(t)  VBP0(t). Vstate2(t) = VSn +1 (t)  VBP0(t). Von(RMS)(t) = 0.509VLCD. Voff(RMS)(t) = 0.333VLCD.
Fig 15. Waveforms for 1:6 multiplex drive mode with bias 1⁄3 and line inversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72