전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCF8545ATT 데이터시트(PDF) 30 Page - NXP Semiconductors

부품명 PCF8545ATT
상세설명  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT 데이터시트(HTML) 30 Page - NXP Semiconductors

Back Button PCF8545ATT Datasheet HTML 26Page - NXP Semiconductors PCF8545ATT Datasheet HTML 27Page - NXP Semiconductors PCF8545ATT Datasheet HTML 28Page - NXP Semiconductors PCF8545ATT Datasheet HTML 29Page - NXP Semiconductors PCF8545ATT Datasheet HTML 30Page - NXP Semiconductors PCF8545ATT Datasheet HTML 31Page - NXP Semiconductors PCF8545ATT Datasheet HTML 32Page - NXP Semiconductors PCF8545ATT Datasheet HTML 33Page - NXP Semiconductors PCF8545ATT Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 13 November 2013
30 of 72
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
Logic 1 in the RAM bit map indicates the on-state (Von(RMS)) of the corresponding LCD
element; similarly, logic 0 indicates the off-state (Voff(RMS)). For more information on
Von(RMS) and Voff(RMS), see Section 8.4.
There is a one-to-one correspondence between
• the bits in the RAM bitmap and the LCD elements,
• the RAM columns and the segment outputs,
• the RAM rows and the backplane outputs.
The display RAM bit map, Figure 19, shows row 0 to row 7 and column 0 to column 43.
Row 0 to row 7 correspond with the backplane outputs BP0 to BP7. Column 0 to column
43 correspond with the segment outputs S0 to S43. In multiplexed LCD applications, the
data of each row of the display RAM is time-multiplexed with the corresponding backplane
(row 0 with BP0, row 1 with BP1, and so on).
The display RAM bitmap shows the direct relationship between the display RAM column and the
segment outputs and between the bits in a RAM row and the backplane outputs.
Fig 19. Display RAM bitmap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72