| 전자부품 데이터시트 검색엔진 |
|
LMV641MA/NOPB 데이터시트(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LMV641MA/NOPB 데이터시트(HTML) 21 Page - Texas Instruments |
|
21 / 40 page ![]() - + VO = 2.50V 580 k: 24.5 k: LMV641 24.5 k: 580 k: 4.446V 4.554V 500: 500: SENSOR BW-3 dB = GAIN-BANDWIDTH PRODUCT AVCL = 10 MHz 23.2 = 431 kHz AVCL = R4 RTHEV + R2 = 23.2 21 LMV641 www.ti.com SNOSAW3D – SEPTEMBER 2007 – REVISED AUGUST 2016 Product Folder Links: LMV641 Submit Documentation Feedback Copyright © 2007–2016, Texas Instruments Incorporated Typical Applications (continued) Referring to the simplified diagram in Figure 43, and assuming that required full scale at the output of the amplifier is 2.5 V, a gain of 23.2 is needed for U1. It is clear from the Thevenin equivalent circuit in Figure 45 that a sensor Thevenin equivalent source resistance, RTHEV, of 500 Ω will be in series with both the inverting and noninverting inputs of the LMV641. Therefore, the required gain is: (4) Choosing R1 = R2 = 24.5 kΩ, then R4 will be approximately 580 kΩ. The actual values chosen will depend on the full-scale needs of the succeeding circuitry as well as bandwidth requirements. The values shown here provide a −3-dB bandwidth of approximately 431 kHz, and are found as follows. Figure 45. Thevenin Equivalent Showing Required Gain By choosing input resistor values for R1 and R2 that are four to ten times the bridge element resistance, the bridge is minimally loaded and the offset errors induced by the op amp stages are minimized. These resistors should have 1% tolerance, or better, for the best noise rejection and offset minimization. Referring once again to Figure 41, U2 is an additional gain stage with a thermistor element, RTH, in the feedback loop. It performs a temperature compensation function for the bridge so that it will have greater accuracy over a wide range of operational temperatures. With mangetoresistive sensors, temperature drift of the bridge sensitivity is negative and linear, and in the case of the sensor used here, is nominally −3000 PP/M. Thus the gain of U2 needs to increase proportionally with increasing temperature, suggesting a thermistor with a positive temperature coefficient. Selection of the temperature compensation resistor, RTH, depends on the additional gain required, on the thermistor chosen, and is dependent on the thermistor’s %/°C shift in resistance. For best op amp compatibility, the thermistor resistance should be greater than 1000 Ω. RTH should also be much less than RA, the feedback resistor. Because the temperature coefficient of the AMR bridge is largely linear, RTH also needs to behave in a linear fashion with temperature, thus RA is placed in parallel with RTH, which acts to linearize the thermistor. 8.2.2.2.1 Gain Error and Bandwidth Consideration if Using an Analog to Digital Converter The bandwidth available from Figure 41 is dependent on the system closed loop gain required and the maximum gain-error allowed if driving an analog to digital converter (ADC). If the output from the sensor is intended to drive an ADC, the bandwidth will be considerably reduced from the closed-loop corner frequency. This is because the gain error of the pre-amplifier stage needs to be taken into account when calculating total error budget. Good practice dictates that the gain error of the amplifier be less than or equal to half LSB (preferably less in order to allow for other system errors that will eat up a portion of the available error budget) of the ADC. However, at the −3 dB corner frequency the gain error for any amplifier is 29.3%. In reality, the gain starts rolling off long before the −3 dB corner is reached. For example, if the amplifier is driving an 8-bit ADC, the minimum gain error allowed for half LSB would be approximately 0.2%. To achieve this gain error with the op amp, the maximum frequency of interest can be no higher than |