| 전자부품 데이터시트 검색엔진 |
|
LMV641MA/NOPB 데이터시트(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LMV641MA/NOPB 데이터시트(HTML) 7 Page - Texas Instruments |
|
7 / 40 page ![]() 7 LMV641 www.ti.com SNOSAW3D – SEPTEMBER 2007 – REVISED AUGUST 2016 Product Folder Links: LMV641 Submit Documentation Feedback Copyright © 2007–2016, Texas Instruments Incorporated DC Electrical Characteristics: 10 V (continued) Unless otherwise specified, all limits are specified for TA = 25°C, V + = 10 V, V− = 0 V,V O = VCM = V +/2, and R L > 1 MΩ. PARAMETER TEST CONDITIONS MIN (1) TYP (2) MAX (1) UNIT GBW Gain bandwidth product 10 MHz en Input-referred voltage noise f = 1 kHz 14 nV/ √Hz in Input-referred current noise f = 1 kHz 0.15 pA/ √Hz THD Total harmonic distortion f = 1 kHz, AV = 2, RL = 2 kΩ 0.002% |