| 전자부품 데이터시트 검색엔진 |
|
LMV641MA/NOPB 데이터시트(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LMV641MA/NOPB 데이터시트(HTML) 23 Page - Texas Instruments |
|
23 / 40 page ![]() Rin OUTPUT Rf Cf Cbyp GND V+ INPUT GND 23 LMV641 www.ti.com SNOSAW3D – SEPTEMBER 2007 – REVISED AUGUST 2016 Product Folder Links: LMV641 Submit Documentation Feedback Copyright © 2007–2016, Texas Instruments Incorporated 9 Power Supply Recommendations For proper operation, the power supplies must be properly decoupled. For decoupling the supply lines, TI recommends that 10-nF capacitors be placed as close as possible to the op amp power supply pins. For single supply, place a capacitor between V+ and V − supply leads. For dual supplies, place one capacitor between V+ and ground, and one capacitor between V– and ground. 10 Layout 10.1 Layout Guidelines To properly bypass the power supply, several locations on a printed circuit board need to be considered. A 6.8 µF or greater tantalum capacitor should be placed at the point where the power supply for the amplifier is introduced onto the board. Another 0.1-µF ceramic capacitor should be placed as close as possible to the power supply pin of the amplifier. If the amplifier is operated in a single power supply, only the V+ pin needs to be bypassed with a 0.1-µF capacitor. If the amplifier is operated in a dual power supply, both V+ and V − pins need to be bypassed. It is good practice to use a ground plane on a printed-circuit board to provide all components with a low-inductive ground connection. 10.2 Layout Example Figure 47. LMV641 Layout Example |