전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SC16C852LIB 데이터시트(PDF) 16 Page - NXP Semiconductors

부품명 SC16C852LIB
상세설명  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C852LIB 데이터시트(HTML) 16 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 12Page - NXP Semiconductors SC16C852LIB Datasheet HTML 13Page - NXP Semiconductors SC16C852LIB Datasheet HTML 14Page - NXP Semiconductors SC16C852LIB Datasheet HTML 15Page - NXP Semiconductors SC16C852LIB Datasheet HTML 16Page - NXP Semiconductors SC16C852LIB Datasheet HTML 17Page - NXP Semiconductors SC16C852LIB Datasheet HTML 18Page - NXP Semiconductors SC16C852LIB Datasheet HTML 19Page - NXP Semiconductors SC16C852LIB Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
SC16C852L_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 18 January 2008
16 of 63
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
the receive FIFO passes the programmed trigger level. To clear this condition, the
SC16C852L will transmit the programmed Xon1/Xon2 characters as soon as the number
of characters in the receive FIFO drops below the programmed trigger level.
6.7 Special character detect
A special character detect feature is provided to detect an 8-bit character when EFR[5] is
set. When an 8-bit character is detected, it will be placed on the user-accessible data
stack along with normal incoming RX data. This condition is selected in conjunction with
EFR[3:0] (see Table 26). Note that software flow control should be turned off when using
this special mode by setting EFR[3:0] to all zeroes.
The SC16C852L compares each incoming receive character with Xoff2 data. If a match
occurs, the received data will be transferred to the FIFO, and ISR[4] will be set to indicate
detection of a special character. Although Table 10 “SC16C852L internal registers” shows
Xon1, Xon2, Xoff1, Xoff2 with eight bits of character information, the actual number of bits
is dependent on the programmed word length. Line Control Register bits LCR[1:0] define
the number of character bits, that is, either 5 bits, 6 bits, 7 bits or 8 bits. The word length
selected by LCR[1:0] also determines the number of bits that will be used for the special
character comparison. Bit 0 in Xon1, Xon2, Xoff1, Xoff2 corresponds with the LSB bit for
the received character.
6.8 Interrupt priority and time-out interrupts
The interrupts are enabled by IER[7:0]. Care must be taken when handling these
interrupts. Following a reset, if Interrupt Enable Register (IER) bit 1 = 1, the SC16C852L
will issue a Transmit Holding Register interrupt. This interrupt must be serviced prior to
continuing operations. The ISR indicates the current singular highest priority interrupt
only. A condition can exist where a higher priority interrupt masks the lower priority
interrupt(s) (see Table 15). Only after servicing the higher pending interrupt will the lower
priority interrupt(s) be reflected in the status register. Servicing the interrupt without
investigating further interrupt conditions can result in data errors.
Receive Data Ready and Receive Time-Out have the same interrupt priority (when
enabled by IER[0]), and it is important to serve these interrupts correctly. The receiver
issues an interrupt after the number of characters have reached the programmed trigger
level. In this case, the SC16C852L FIFO may hold more characters than the programmed
trigger level. Following the removal of a data byte, the user should re-check LSR[0] to see
if there are any additional characters. A Receive Time-Out will not occur if the receive
FIFO is empty. The time-out counter is reset at the center of each stop bit received or
each time the Receive Holding Register (RHR) is read. The actual time-out value is
4 character time, including data information length, start bit, parity bit, and the size of stop
bit, that is, 1
×, 1.5×, or 2× bit times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com