전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SC16C852LIB 데이터시트(PDF) 17 Page - NXP Semiconductors

부품명 SC16C852LIB
상세설명  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C852LIB 데이터시트(HTML) 17 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 13Page - NXP Semiconductors SC16C852LIB Datasheet HTML 14Page - NXP Semiconductors SC16C852LIB Datasheet HTML 15Page - NXP Semiconductors SC16C852LIB Datasheet HTML 16Page - NXP Semiconductors SC16C852LIB Datasheet HTML 17Page - NXP Semiconductors SC16C852LIB Datasheet HTML 18Page - NXP Semiconductors SC16C852LIB Datasheet HTML 19Page - NXP Semiconductors SC16C852LIB Datasheet HTML 20Page - NXP Semiconductors SC16C852LIB Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
SC16C852L_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 18 January 2008
17 of 63
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
6.9 Programmable baud rate generator
The SC16C852L UART contains a programmable rational baud rate generator that takes
any clock input and divides it by a divisor in the range between 1 and (216
− 1). The
SC16C852L offers the capability of dividing the input frequency by rational divisor. The
fractional part of the divisor is controlled by the CLKPRES register in the ‘first extra feature
register set’.
(1)
where:
N is the integer part of the divisor in DLL and DLM registers;
M is the fractional part of the divisor in CLKPRES register;
fXTAL1 is the clock frequency at XTAL1 pin.
Prescaler = 1 when MCR[7] is set to 0.
Prescaler = 4 when MCR[7] is set to 1.
A single baud rate generator is provided for the transmitter and receiver. The
programmable Baud Rate Generator is capable of operating with a frequency of up to
80 MHz. To obtain maximum data rate, it is necessary to use full rail swing on the clock
input. The SC16C852L can be configured for internal or external clock operation. For
internal clock operation, an industry standard crystal is connected externally between the
XTAL1 and XTAL2 pins (see Figure 8). Alternatively, an external clock can be connected
to the XTAL1 pin (see Figure 9) to clock the internal baud rate generator for standard or
custom rates (see Table 7).
The generator divides the input 16
× clock by any divisor from 1 to (216 − 1). The
SC16C852L divides the basic external clock by 16. The baud rate is configured via the
CLKPRES, DLL and DLM internal register functions. Customized baud rates can be
achieved by selecting the proper divisor values for the MSB and LSB sections of the baud
rate generator.
Programming the baud rate generator registers CLKPRES, DLM (MSB) and DLL (LSB)
provides a user capability for selecting the desired final baud rate. The example in Table 7
shows the selectable baud rate table available when using a 1.8432 MHz external clock
input when MCR[7] = 0, and CLKPRES = 0x00.
Fig 7.
Prescalers and baud rate generator block diagram
baud rate
f
XTAL1
MCR 7
[]
16
N
M
16
------
+


×
×
--------------------------------------------------------------------
=
002aac645
OSCILLATOR
XTAL1
XTAL2
DIVIDE-BY-1
DIVIDE-BY-4
CLKPRES
[3:0]
BAUD RATE
GENERATOR
(DLL, DLM)
transmitter and
receiver clock
MCR[7] = 0
MCR[7] = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com