전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SC16C852LIB 데이터시트(PDF) 14 Page - NXP Semiconductors

부품명 SC16C852LIB
상세설명  1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C852LIB 데이터시트(HTML) 14 Page - NXP Semiconductors

Back Button SC16C852LIB Datasheet HTML 10Page - NXP Semiconductors SC16C852LIB Datasheet HTML 11Page - NXP Semiconductors SC16C852LIB Datasheet HTML 12Page - NXP Semiconductors SC16C852LIB Datasheet HTML 13Page - NXP Semiconductors SC16C852LIB Datasheet HTML 14Page - NXP Semiconductors SC16C852LIB Datasheet HTML 15Page - NXP Semiconductors SC16C852LIB Datasheet HTML 16Page - NXP Semiconductors SC16C852LIB Datasheet HTML 17Page - NXP Semiconductors SC16C852LIB Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
SC16C852L_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 18 January 2008
14 of 63
NXP Semiconductors
SC16C852L
1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder
6.4 FIFO operation
6.4.1 32-byte FIFO mode
When all four of these registers (TXINTLVL, RXINTLVL, FLWCNTH, FLWCNTL) in the
‘First extra feature register set’ are empty (0x00) the transmit and receive trigger levels are
set by FCR[7:4]. In this mode the transmit and receive trigger levels are backward
compatible to the SC16C652B (see Table 6), and the FIFO sizes are 32 entries. The
transmit and receive data FIFOs are enabled by the FIFO Control Register bit 0 (FCR[0]).
It should be noted that the user can set the transmit trigger levels by writing to the FCR,
but activation will not take place until EFR[4] is set to a logic 1. The receiver FIFO section
includes a time-out function to ensure data is delivered to the external CPU (see
Section 6.8). Please refer to Table 13 and Table 14 for the setting of FCR[7:4].
6.4.2 128-byte FIFO mode
When either TXINTLVL, RXINTLVL, FLWCNTH or FLWCNTL in the ‘first extra feature
register set’ contains any value other than 0x00, the transmit and receive trigger levels are
set by TXINTLVL and RXINTLVL registers. TXINTLVL sets the trigger levels for the
transmit FIFO, and the transmit trigger levels can be set to any value between 1 and 128
with granularity of 1. RXINTLVL sets the trigger levels for the receive FIFO, the receive
trigger levels can be set to any value between 1 and 128 with granularity of 1.
When the effective FIFO size changes (that is, when FCR[0] toggles or when the
combined content of TXINTLVL, RXINTLVL, FLWCNTH and FLWCNTL changes between
equal and unequal to 0x00), both RX FIFO and TX FIFO will be reset (data in the FIFO will
be lost).
6.5 Hardware flow control
When automatic hardware flow control is enabled, the SC16C852L monitors the
CTSA/CTSB pin for a remote buffer overflow indication and controls the RTSA/RTSB pin
for local buffer overflows. Automatic hardware flow control is selected by setting EFR[6]
(RTS) and EFR[7] (CTS) to a logic 1. If CTS transitions from a logic 0 to a logic 1
indicating a flow control request, ISR[5] will be set to a logic 1 (if enabled via IER[7:6]),
and the SC16C852L will suspend TX transmissions as soon as the stop bit of the
character in process is shifted out. Transmission is resumed after the CTSx input returns
to a logic 0, indicating more data may be sent.
When AFCR1[2] is set to logic 1 then the function of CTSA/CTSB pin is mapped to the
DSRA/DSRB pin, and the function of RTSA/RTSB is mapped to DTRA/DTRB pin. DSRx
and DTRx pins will behave as described above for CTS and RTS.
Table 6.
Interrupt trigger level and flow control mechanism
FCR[7:6]
FCR[5:4]
INTA/INTB pin activation
Negate RTS or
send Xoff
Assert RTS or
send Xon
RX
TX
00
00
8
16
8
0
01
01
16
8
16
7
10
10
24
24
24
15
11
11
28
30
28
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com