| 전자부품 데이터시트 검색엔진 |
|
L9924L 데이터시트(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9924L 데이터시트(HTML) 15 Page - STMicroelectronics |
|
15 / 84 page ![]() DocID028840 Rev 3 15/84 L9924L Electrical specifications 83 18 LIN/BSS - -20 +40 V 19 AUX_IN - -20 +48 V 20 PH - -20 +48 V 21 PH_OUT - -0.3 +48 V 22 L - -0.3 +48 V 23 GND - - - - 24 GLS - -0.3 +13.5 V 25 LHC - -0.3 +48 V 26 GHS - max[-0.3; V(LHC)-0.6] min[+48; V(LHC)+13.5] V 27 F - -2 +48 V 28 SOURCE - -2 +48 V 29 DRAIN - -2.5 +48 V 30 GATE - V(SOURCE)-0.6 min[+48; V(SOURCE)+13.5] V 31 RC - -1.5 +48 V 32 CP1- - -0.3 +48 V 33 CP1+ - max[-0.3; V(A+/B+)-0.3] V(A+/B+)+20 V 34 CP2- - -0.3 +48 V 35 CP2+ - max[-0.3; V(A+/B+)-0.6] V(A+/B+)+20 V 36 CP - max[-0.3; V(A+/B+)-0.3] V(A+/B+)+20 V 37 PROT_SEL - -0.3 6.5 V 38 VDD_CAP - -0.2 6.5 V 39 nRST_SP - -0.3 VDD+0.3 V 40 LIN_RX_SP - -0.3 VDD+0.3 V 41 LIN_TX_SP - -0.3 6.5 V 42 PD1/SWIM/GPIO3 - -0.2 VDD+0.2 V 43 PD2/EXC_IN - -0.2 min[6.5; VDD+0.3] V 44 PD3/PD4/EXC_OUT - -0.2 VDD+0.2 V Table 4. Maximum ratings (continued) N° Pin Condition Min. Max. Unit |