전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX140 데이터시트(PDF) 24 Page - Texas Instruments

부품명 OPAX140
상세설명  OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX140 데이터시트(HTML) 24 Page - Texas Instruments

Back Button OPAX140 Datasheet HTML 20Page - Texas Instruments OPAX140 Datasheet HTML 21Page - Texas Instruments OPAX140 Datasheet HTML 22Page - Texas Instruments OPAX140 Datasheet HTML 23Page - Texas Instruments OPAX140 Datasheet HTML 24Page - Texas Instruments OPAX140 Datasheet HTML 25Page - Texas Instruments OPAX140 Datasheet HTML 26Page - Texas Instruments OPAX140 Datasheet HTML 27Page - Texas Instruments OPAX140 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
Software tools are readily available to simplify filter design. The WEBENCH® Filter Designer is a simple,
powerful, and easy-to-use active filter design program. The WEBENCH® Filter Designer lets you create
optimized filter designs using a selection of TI operational amplifiers and passive components from TI's vendor
partners.
Available as a web based tool from the WEBENCH Design Center, the WEBENCH Filter Designer allows you to
design, optimize, and simulate complete, multistage, active-filter solutions within minutes.
8.2.3 Application Curve
Frequency (Hz)
-60
-40
-20
0
20
100
1k
10k
100k
1M
Figure 8-2. OPAx140 Second-Order, 25-kHz, Chebyshev, Low-Pass Filter
8.3 Power Supply Recommendations
The OPAx140 is specified for operation from 4.5 V to 36 V (±2.25 V to ±18 V); many specifications apply from
–40°C to 125°C. Parameters that can exhibit significant variance with regard to operating voltage or temperature
are presented in Section 6.8.
CAUTION
Supply voltages larger than 40 V can permanently damage the device; see Section 6.1.
Place 0.1-μF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or
high-impedance power supplies. For more detailed information on bypass capacitor placement, see Section 8.4.
8.4 Layout
8.4.1 Layout Guidelines
For best operational performance of the device, use good PCB layout practices, including:
• Noise can propagate into analog circuitry through the power pins of the circuit as a whole and op amp itself.
Bypass capacitors are used to reduce the coupled noise by providing low-impedance power sources local to
the analog circuitry.
– Connect low-ESR, 0.1-µF ceramic bypass capacitors between each supply pin and ground, placed as
close to the device as possible. A single bypass capacitor from V+ to ground is applicable for single-
supply applications.
• Separate grounding for analog and digital portions of circuitry is one of the simplest and most-effective
methods of noise suppression. One or more layers on multilayer PCBs are usually devoted to ground planes.
A ground plane helps distribute heat and reduces EMI noise pickup. Make sure to physically separate digital
and analog grounds paying attention to the flow of the ground current. For more detailed information, see
Circuit Board Layout Techniques.
OPA140, OPA2140, OPA4140
SBOS498F – JUNE 2010 – REVISED MARCH 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: OPA140 OPA2140 OPA4140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com