전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX140 데이터시트(PDF) 3 Page - Texas Instruments

부품명 OPAX140
상세설명  OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX140 데이터시트(HTML) 3 Page - Texas Instruments

  OPAX140 Datasheet HTML 1Page - Texas Instruments OPAX140 Datasheet HTML 2Page - Texas Instruments OPAX140 Datasheet HTML 3Page - Texas Instruments OPAX140 Datasheet HTML 4Page - Texas Instruments OPAX140 Datasheet HTML 5Page - Texas Instruments OPAX140 Datasheet HTML 6Page - Texas Instruments OPAX140 Datasheet HTML 7Page - Texas Instruments OPAX140 Datasheet HTML 8Page - Texas Instruments OPAX140 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
5 Pin Configuration and Functions
1
2
3
4
8
7
6
5
NC
V+
OUT
NC
NC
±IN
±
+IN
+
V±
Figure 5-1. OPA140: D Package, 8-Pin SOIC and DGK Package, 8-Pin VSSOP (Top View)
1
2
3
5
4
V+
-
IN
OUT
V
-
+IN
Figure 5-2. OPA140: DBV Package, 5-Pin SOT-23 (Top View)
Table 5-1. Pin Functions: OPA140
PIN
TYPE
DESCRIPTION
NAME
OPA140
D (SOIC),
DGK (VSSOP)
DBV (SOT)
+IN
3
3
Input
Noninverting input
–IN
2
4
Input
Inverting input
NC
1, 5, 8
—
—
No internal connection (can be left floating)
OUT
6
1
Output
Output
V+
7
5
—
Positive (highest) power supply
V–
4
2
—
Negative (lowest) power supply
www.ti.com
OPA140, OPA2140, OPA4140
SBOS498F – JUNE 2010 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: OPA140 OPA2140 OPA4140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com