전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX140 데이터시트(PDF) 11 Page - Texas Instruments

부품명 OPAX140
상세설명  OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX140 데이터시트(HTML) 11 Page - Texas Instruments

Back Button OPAX140 Datasheet HTML 7Page - Texas Instruments OPAX140 Datasheet HTML 8Page - Texas Instruments OPAX140 Datasheet HTML 9Page - Texas Instruments OPAX140 Datasheet HTML 10Page - Texas Instruments OPAX140 Datasheet HTML 11Page - Texas Instruments OPAX140 Datasheet HTML 12Page - Texas Instruments OPAX140 Datasheet HTML 13Page - Texas Instruments OPAX140 Datasheet HTML 14Page - Texas Instruments OPAX140 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, RL = 2 kΩ connected to midsupply, and VCM = VOUT = midsupply (unless otherwise noted)
0.001
0.0001
0.00001
-100
-
-
120
140
10
100
1k
10k 20k
Frequency (Hz)
G = +1
G = -1
V
= 3V
BW = 80kHz
OUT
RMS
R = 2k
L
W
Figure 6-11. THD+N Ratio vs Frequency
0.01
0.001
0.0001
0.00001
0.1
1
10
100
Output Amplitude (V
)
RMS
-
-
-
80
100
120
140
-
BW = 80kHz
R = 2k
1kHz Signal
L
W
G = 1
-
G = +1
NOTE: Increase at low signal levels is a
of increased % contribution of noise.
result
Figure 6-12. THD+N Ratio vs Output Amplitude
2.5
2.0
1.5
1.0
0.5
0
-50
-25
-75
0
25
50
75
100
125
150
Temperature( C)
°
Figure 6-13. Quiescent Current vs Temperature
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
0
4
8
12
16
20
24
28
32
36
Supply Voltage (V)
Specified Supply-Voltage Range
OPA140
Figure 6-14. Quiescent Current vs Supply Voltage
140
120
100
80
60
40
20
0
20
-
180
135
90
45
0
10
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
Phase
Gain
Figure 6-15. Gain and Phase vs Frequency
40
30
20
10
0
10
20
-
-
-
-
30
40
100k
1M
10M
100M
Frequency (Hz)
G = +10
G = +1
G = 1
-
C = 30pF
L
Figure 6-16. Closed-Loop Gain vs Frequency
www.ti.com
OPA140, OPA2140, OPA4140
SBOS498F – JUNE 2010 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: OPA140 OPA2140 OPA4140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com