전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX170 데이터시트(PDF) 9 Page - Texas Instruments

부품명 OPAX170
상세설명  OPAx170 36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX170 데이터시트(HTML) 9 Page - Texas Instruments

Back Button OPAX170 Datasheet HTML 5Page - Texas Instruments OPAX170 Datasheet HTML 6Page - Texas Instruments OPAX170 Datasheet HTML 7Page - Texas Instruments OPAX170 Datasheet HTML 8Page - Texas Instruments OPAX170 Datasheet HTML 9Page - Texas Instruments OPAX170 Datasheet HTML 10Page - Texas Instruments OPAX170 Datasheet HTML 11Page - Texas Instruments OPAX170 Datasheet HTML 12Page - Texas Instruments OPAX170 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
9
OPA170, OPA2170, OPA4170
www.ti.com
SBOS557E – AUGUST 2011 – REVISED APRIL 2018
Product Folder Links: OPA170 OPA2170 OPA4170
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
(1)
The input range can be extended beyond (V+) – 2 V up to V+. See the Typical Characteristics and Application and Implementation
sections for additional information.
7.7 Electrical Characteristics
at TA = 25°C, VCM = VOUT = VS / 2, and RL = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
TA = 25°C
0.25
±1.8
mV
TA = –40°C to +125°C
±2
mV
dVOS/dT
Input offset voltage drift
TA = –40°C to +125°C
±0.3
±2
µV/°C
PSRR
Input offset voltage vs power supply
VS = 4 V to 36 V, TA = –40°C to +125°C
1
±5
µV/V
Channel separation, dc
5
µV/V
INPUT BIAS CURRENT
IB
Input bias current
TA = 25°C
±8
±15
pA
TA = –40°C to +125°C
±3.5
nA
IOS
Input offset current
TA = 25°C
±4
±15
pA
TA = –40°C to +125°C
±3.5
nA
NOISE
Input voltage noise
ƒ = 0.1 Hz to 10 Hz
2
µVPP
en
Input voltage noise density
ƒ = 100 Hz
22
nV/
√Hz
ƒ = 1 kHz
19
nV/
√Hz
INPUT VOLTAGE
VCM
Common-mode voltage range(1)
(V–) – 0.1
(V+) – 2
V
CMRR
Common-mode rejection ratio
VS = ±2 V, (V–) - 0.1 V < VCM < (V+) - 2 V,
TA = –40°C to +125°C
90
104
dB
VS = ±18 V, (V–) - 0.1 V < VCM < (V+) - 2 V,
TA = –40°C to +125°C
104
120
dB
INPUT IMPEDANCE
Differential
100 || 3
MΩ || pF
Common-mode
6 || 3
1012 Ω || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = 4 V to 36 V,
(V–) + 0.35 V < VO < (V+) - 0.35 V,
TA = –40°C to +125°C
110
130
dB
FREQUENCY RESPONSE
GBP
Gain bandwidth product
1.2
MHz
SR
Slew rate
G = +1
0.4
V/µs
tS
Settling time
To 0.1%, VS = ±18 V, G = +1, 10-V step
20
µs
To 0.01% (12-bit), VS = ±18 V, G = +1,
10-V step
28
µs
Overload recovery time
VIN × Gain > VS
2
µs
THD+N
Total harmonic distortion + noise
G = +1, ƒ = 1 kHz, VO = 3 VRMS
0.0002%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com