전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPAX170 데이터시트(PDF) 10 Page - Texas Instruments

부품명 OPAX170
상세설명  OPAx170 36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX170 데이터시트(HTML) 10 Page - Texas Instruments

Back Button OPAX170 Datasheet HTML 6Page - Texas Instruments OPAX170 Datasheet HTML 7Page - Texas Instruments OPAX170 Datasheet HTML 8Page - Texas Instruments OPAX170 Datasheet HTML 9Page - Texas Instruments OPAX170 Datasheet HTML 10Page - Texas Instruments OPAX170 Datasheet HTML 11Page - Texas Instruments OPAX170 Datasheet HTML 12Page - Texas Instruments OPAX170 Datasheet HTML 13Page - Texas Instruments OPAX170 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
10
OPA170, OPA2170, OPA4170
SBOS557E – AUGUST 2011 – REVISED APRIL 2018
www.ti.com
Product Folder Links: OPA170 OPA2170 OPA4170
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25°C, VCM = VOUT = VS / 2, and RL = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
VO
Voltage output swing from positive rail
IL = 0 mA, VS = 4 V to 36 V
10
mV
IL sourcing 1 mA, VS = 4 V to 36 V
115
mV
VO
Voltage output swing from negative rail
IL = 0 mA, VS = 4 V to 36 V
8
mV
IL sinking 1 mA, VS = 4 V to 36 V
70
mV
VO
Voltage output swing from rail
VS = 5 V, RL = 10 kΩ; TA = –40°C to +125°C
(V–) + 0.03
(V+) – 0.05
V
RL = 10 kΩ, AOL ≥ 110 dB,
TA = –40°C to +125°C
(V–) + 0.35
(V+) – 0.35
V
ISC
Short-circuit current
–20
17
mA
CLOAD
Capacitive load drive
See Typical Characteristics
pF
RO
Open-loop output resistance
ƒ = 1 MHz, IO = 0 A
900
Ω
POWER SUPPLY
VS
Specified voltage range
2.7
36
V
IQ
Quiescent current per amplifier
IO = 0 A; TA = 25°C
110
145
µA
IO = 0 A; TA = –40°C to +125°C
155
µA
TEMPERATURE
Specified range
–40
125
°C
Operating range
–55
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com