전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STTH1512-Y 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STTH1512-Y
상세설명  1200 V Automotive ultrafast recovery, high voltage diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1512-Y 데이터시트(HTML) 5 Page - STMicroelectronics

  STTH1512-Y Datasheet HTML 1Page - STMicroelectronics STTH1512-Y Datasheet HTML 2Page - STMicroelectronics STTH1512-Y Datasheet HTML 3Page - STMicroelectronics STTH1512-Y Datasheet HTML 4Page - STMicroelectronics STTH1512-Y Datasheet HTML 5Page - STMicroelectronics STTH1512-Y Datasheet HTML 6Page - STMicroelectronics STTH1512-Y Datasheet HTML 7Page - STMicroelectronics STTH1512-Y Datasheet HTML 8Page - STMicroelectronics STTH1512-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Figure 5. Reverse recovery time versus dIF/dt (typical
values)
100
150
200
250
300
350
400
450
500
550
600
0
50
100
150
200
250
300
350
400
450
500
t (ns)
rr
dI /dt(A/µs)
F
I =2 x I
F
F (AV)
I = I
F F (AV)
I =0.5 x I
F
F(AV)
V =600V
T =125°C
R
j
Figure 6. Reverse recovery time versus dIF/dt (typical
values)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
50
100
150
200
250
300
350
400
450
500
Q (µC)
rr
I =2 x I
F
F (AV)
I =0.5 x I
F
F(AV)
I = I
F F (AV)
V =600V
T =125°C
R
j
dI /dt(A/µs)
F
Figure 7. Reverse recovery softness factor versus dIF/dt
(typical values)
0.5
1.0
1.5
2.0
2.5
3.0
0
50
100
150
200
250
300
350
400
450
500
S factor
I
2xI
T =125°C
F
F(AV)
j
≤
V =600V
R
dI /dt(A/µs)
F
Figure 8. Relative variations of dynamic parameters
versus junction temperature
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
25
50
75
100
125
IRM
QRR
S factor
T (°C)
j
I = I
Reference: T =125°C
F F (AV)
j
V =600V
R
trr
Figure 9. Transient peak forward voltage versus dIF/dt
(typical values)
0
5
10
15
20
25
30
35
40
0
100
200
300
400
500
V (V)
FP
dI /dt(A/µs)
F
I = I
T =125°C
F F (AV)
j
Figure 10. Forward recovery time versus dIF/dt (typical
values)
0
100
200
300
400
500
600
700
800
0
100
200
300
400
500
t (ns)
fr
dI /dt(A/µs)
F
I = I
T =125°C
F
F(AV)
j
V =1.5 xV max.
FR
F
STTH1512-Y
Characteristics (curves)
DS9417 - Rev 2
page 5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com