전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STTH1512-Y 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STTH1512-Y
상세설명  1200 V Automotive ultrafast recovery, high voltage diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1512-Y 데이터시트(HTML) 1 Page - STMicroelectronics

  STTH1512-Y Datasheet HTML 1Page - STMicroelectronics STTH1512-Y Datasheet HTML 2Page - STMicroelectronics STTH1512-Y Datasheet HTML 3Page - STMicroelectronics STTH1512-Y Datasheet HTML 4Page - STMicroelectronics STTH1512-Y Datasheet HTML 5Page - STMicroelectronics STTH1512-Y Datasheet HTML 6Page - STMicroelectronics STTH1512-Y Datasheet HTML 7Page - STMicroelectronics STTH1512-Y Datasheet HTML 8Page - STMicroelectronics STTH1512-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
NC
A
D²PAK
A
K
K
Features
•
AEC-Q101 qualified
•
Ultrafast, soft recovery
•
Very low conduction and switching losses
•
High frequency and/or high pulsed current operation
•
High reverse voltage capability
•
High junction temperature
•
ECOPACK® compliant
Applications
•
On Board Battery charger (OBC)
•
Surge bypass diodes
Description
The high quality design of this diode has produced a device with low leakage current,
regularly reproducible characteristics and intrinsic ruggedness. These characteristics
make it ideal for heavy duty applications that demand long term reliability.
The improved performance in low leakage current, and therefore thermal runaway
guard band, is an immediate competitive advantage for this device for automotive
applications.
Product status link
STTH1512-Y
Product summary
IF(AV)
15 A
VRRM
1200 V
VF (typ.)
1.20 V
trr (typ.)
53 ns
Tj
-40 °C to 175 °C
1200 V Automotive ultrafast recovery, high voltage diode
STTH1512-Y
Datasheet
DS9417 - Rev 2 - November 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


유사한 부품 번호 - STTH1512-Y

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STTH1512-Y STMICROELECTRONICS-STTH1512-Y Datasheet
151Kb / 9P
High reverse voltage capability
July 2013 Rev 1
More results

유사한 설명 - STTH1512-Y

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STTH812 STMICROELECTRONICS-STTH812 Datasheet
192Kb / 11P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH312 STMICROELECTRONICS-STTH312 Datasheet
148Kb / 8P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH3012 STMICROELECTRONICS-STTH3012 Datasheet
121Kb / 9P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH512 STMICROELECTRONICS-STTH512 Datasheet
125Kb / 10P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH6012 STMICROELECTRONICS-STTH6012 Datasheet
111Kb / 8P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH9012TV STMICROELECTRONICS-STTH9012TV Datasheet
146Kb / 8P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH12012TV STMICROELECTRONICS-STTH12012TV Datasheet
146Kb / 8P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH1212 STMICROELECTRONICS-STTH1212 Datasheet
129Kb / 9P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH1512 STMICROELECTRONICS-STTH1512 Datasheet
148Kb / 11P
Ultrafast recovery - 1200 V diode
02-Mar-2006
STTH6112TV STMICROELECTRONICS-STTH6112TV Datasheet
151Kb / 8P
Ultrafast recovery - 1200 V diode
02-Mar-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com