전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STTH1512-Y 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STTH1512-Y
상세설명  1200 V Automotive ultrafast recovery, high voltage diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1512-Y 데이터시트(HTML) 3 Page - STMicroelectronics

  STTH1512-Y Datasheet HTML 1Page - STMicroelectronics STTH1512-Y Datasheet HTML 2Page - STMicroelectronics STTH1512-Y Datasheet HTML 3Page - STMicroelectronics STTH1512-Y Datasheet HTML 4Page - STMicroelectronics STTH1512-Y Datasheet HTML 5Page - STMicroelectronics STTH1512-Y Datasheet HTML 6Page - STMicroelectronics STTH1512-Y Datasheet HTML 7Page - STMicroelectronics STTH1512-Y Datasheet HTML 8Page - STMicroelectronics STTH1512-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Table 4. Dynamic electrical characteristics
Symbol Parameter
Test conditions
Min. Typ. Max. Unit
trr
Reverse recovery time
Tj = 25 °C
IF = 1 A, VR = 30 V, dlF/dt = -50 A/µs
-
105
ns
IF = 1 A, VR = 30 V, dlF/dt = -100 A/µs
-
53
75
IRM
Reverse recovery current
Tj = 125 °C IF = 15 A, VR = 600 V, dlF/dt = -200 A/µs
-
20
28
A
Sfactor
Softness factor
Tj = 125 °C IF = 15 A, VR = 600 V, dlF/dt = -200 A/µs
-
1.5
tfr
Reverse recovery time
Tj = 25 °C
IF = 15 A, VFR = 1.5 x VFmax, dlF/dt = 50 A/µs
-
600
ns
VFP
Forward recovery voltage
Tj = 25 °C
IF = 15 A, dlF/dt = 50 A/µs
5.5
V
For more information, please refer to the following application notes related to the power losses:
•
AN604: Calculation of conduction losses in a power rectifier
•
AN4021: Calculation of reverse losses in a power diode
STTH1512-Y
Characteristics
DS9417 - Rev 2
page 3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com