전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP411DADDFR 데이터시트(PDF) 37 Page - Texas Instruments

부품명 TMP411DADDFR
상세설명  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411DADDFR 데이터시트(HTML) 37 Page - Texas Instruments

Back Button TMP411DADDFR Datasheet HTML 33Page - Texas Instruments TMP411DADDFR Datasheet HTML 34Page - Texas Instruments TMP411DADDFR Datasheet HTML 35Page - Texas Instruments TMP411DADDFR Datasheet HTML 36Page - Texas Instruments TMP411DADDFR Datasheet HTML 37Page - Texas Instruments TMP411DADDFR Datasheet HTML 38Page - Texas Instruments TMP411DADDFR Datasheet HTML 39Page - Texas Instruments TMP411DADDFR Datasheet HTML 40Page - Texas Instruments TMP411DADDFR Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 61 page
background image
Table 8-6. N-Factor Range
NADJUST
N
BINARY
HEX
DECIMAL
01111111
7F
127
1.747977
00001010
0A
10
1.042759
00001000
08
8
1.035616
00000110
06
6
1.028571
00000100
04
4
1.021622
00000010
02
2
1.014765
00000001
01
1
1.011371
00000000
00
0
1.008
11111111
FF
–1
1.004651
11111110
FE
–2
1.001325
11111100
FC
–4
0.994737
11111010
FA
–6
0.988235
11111000
F8
–8
0.981818
11110110
F6
–10
0.975484
10000000
80
–128
0.706542
8.10 Minimum and Maximum Registers
The TMP411/TMP411D stores the measured minimum and maximum temperatures since power-on, chip-reset,
or minimum and maximum register reset for the local and remote channels. The Local Temperature Minimum
Register is read with the high byte from pointer address 30h, and the low byte is read from pointer address 31h.
The Local Temperature Minimum Register is read with a two-byte read command from pointer address 30h. The
Local Temperature Minimum Register resets at power-on by executing the chip-reset command, or by writing
any value to any of the pointer addresses 30h through 37h. The reset value for these registers is FFh and F0h.
The Local Temperature Maximum Register is read with the high byte from pointer address 32h, and the low
byte is read from pointer address 33h. The Local Temperature Maximum Register is read with a two-byte read
command from pointer address 32h. The Local Temperature Maximum Register resets at power-on by executing
the chip reset command, or by writing any value to any of the pointer addresses 30h through 37h. The reset
value for these registers is 00h and 00h.
The Remote Temperature Minimum Register is read with the high byte from pointer address 34h, and the low
byte is read from pointer address 35h. The Remote Temperature Minimum Register is read with a two-byte
read command from pointer address 34h. The Remote Temperature Minimum Register resets at power-on by
executing the chip reset command, or by writing any value to any of the pointer addresses 30h through 37h. The
reset value for these registers is FFh and F0h.
The Remote Temperature Maximum Register is read with the high byte from pointer address 36h and the low
byte is read from pointer address 37h. The Remote Temperature Maximum Register is read with a two-byte
read command from pointer address 36h. The Remote Temperature Maximum Register resets at power-on by
executing the chip reset command, or by writing any value to any of the pointer addresses 30h through 37h. The
reset value for these registers is 00h and 00h.
www.ti.com
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com