전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP411DADDFR 데이터시트(PDF) 48 Page - Texas Instruments

부품명 TMP411DADDFR
상세설명  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411DADDFR 데이터시트(HTML) 48 Page - Texas Instruments

Back Button TMP411DADDFR Datasheet HTML 44Page - Texas Instruments TMP411DADDFR Datasheet HTML 45Page - Texas Instruments TMP411DADDFR Datasheet HTML 46Page - Texas Instruments TMP411DADDFR Datasheet HTML 47Page - Texas Instruments TMP411DADDFR Datasheet HTML 48Page - Texas Instruments TMP411DADDFR Datasheet HTML 49Page - Texas Instruments TMP411DADDFR Datasheet HTML 50Page - Texas Instruments TMP411DADDFR Datasheet HTML 51Page - Texas Instruments TMP411DADDFR Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
12.1 Tape and Reel Information
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
Reel
Diameter
User Direction of Feed
P1
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width W1
(mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TMP411ADGKR
VSSOP
DGK
8
2500
330
12.4
5.3
3.3
1.3
8
12
Q1
TMP411ADGKR
VSSOP
DGK
8
2500
330
12.4
5.3
3.4
1.4
8
12
Q1
TMP411ADR
SOIC
D
8
2500
330
12.4
6.4
5.2
2.1
8
12
Q1
TMP411BDGKR
VSSOP
DGK
8
2500
330
12.4
5.3
3.4
1.4
8
12
Q1
TMP411BDGKR
VSSOP
DGK
8
2500
330
12.4
5.3
3.3
1.3
8
12
Q1
TMP411BDR
SOIC
D
8
2500
330
12.4
6.4
5.2
2.1
8
12
Q1
TMP411CDGKR
VSSOP
DGK
8
2500
330
12.4
5.3
3.4
1.4
8
12
Q1
TMP411CDR
SOIC
D
8
2500
330
12.4
6.4
5.2
2.1
8
12
Q1
TMP411EDGKR
VSSOP
DGK
8
2500
330
12.4
5.3
3.4
1.4
8
12
Q1
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
www.ti.com
48
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com