전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP411DADDFR 데이터시트(PDF) 44 Page - Texas Instruments

부품명 TMP411DADDFR
상세설명  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411DADDFR 데이터시트(HTML) 44 Page - Texas Instruments

Back Button TMP411DADDFR Datasheet HTML 40Page - Texas Instruments TMP411DADDFR Datasheet HTML 41Page - Texas Instruments TMP411DADDFR Datasheet HTML 42Page - Texas Instruments TMP411DADDFR Datasheet HTML 43Page - Texas Instruments TMP411DADDFR Datasheet HTML 44Page - Texas Instruments TMP411DADDFR Datasheet HTML 45Page - Texas Instruments TMP411DADDFR Datasheet HTML 46Page - Texas Instruments TMP411DADDFR Datasheet HTML 47Page - Texas Instruments TMP411DADDFR Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
9.3 Power Supply Recommendations
The TMP411 operates with a power supply range of 2.7V to 5.5V while TMP411D power supply range is 1.62V
to 5.5V. The device is optimized for operation at a 3.3V supply, but measures temperature accurately in the full
supply range. TI recommends using a power supply bypass capacitor. Place the capacitor as close as possible
to the supply and ground pins of the device. 0.1µF is a typical value for the supply bypass capacitor. Applications
with noisy or high-impedance power supplies can require additional decoupling capacitors to reject power-supply
noise.
9.4 Layout
9.4.1 Layout Guidelines
Remote temperature sensing on the TMP411/TMP411D measures small voltages using low currents, and
therefore noise at the device inputs must be minimized. Most applications using the TMP411/TMP411D have
high digital content with several clocks and logic-level transitions that create a noisy environment. The layout
must adhere to the following guidelines:
• Place the TMP411/TMP411D as close to the remote junction sensor as possible.
• Route the D+ and D– traces next to each other and shield the traces from adjacent signals using ground
guard traces, as shown in Figure 9-10. If a multilayer PCB is used, bury these traces between ground or VDD
planes to shield the planes from extrinsic noise sources. TI recommends using 5mm (0.127mm) PCB traces.
• Minimize additional thermocouple junctions caused by copper-to-solder connections. If these junctions are
used, make the same number and approximate location of copper-to-solder connections in the D+ and D–
connections to cancel any thermocouple effects.
• Use a 0.1µF local bypass capacitor directly between the V+ and GND pins of the TMP411/TMP411D,
as shown in Figure 9-11. Minimize filter capacitance between D+ and D– to 1000pF or less for
optimum measurement performance. This capacitance includes any cable capacitance between the remote
temperature sensor and the TMP411/TMP411D.
• If the connection between the remote temperature sensor and the TMP411/TMP411D is less than eight
inches (20cm), use a twisted-wire pair connection. If the connection measures more than eight inches
(20cm), use a twisted, shielded pair with the shield grounded as close to the TMP411/TMP411D as possible.
Leave the remote sensor connection end of the shield wire open to avoid grounded loops and 60Hz pickup.
GND
D+
Dí
GND
Ground or V+ layer
on bottom and/or
top, if possible.
Figure 9-10. Example Signal Traces
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
www.ti.com
44
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com