전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CC115LRGPR 데이터시트(PDF) 19 Page - Texas Instruments

부품명 CC115LRGPR
상세설명  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGPR 데이터시트(HTML) 19 Page - Texas Instruments

Back Button CC115LRGPR Datasheet HTML 15Page - Texas Instruments CC115LRGPR Datasheet HTML 16Page - Texas Instruments CC115LRGPR Datasheet HTML 17Page - Texas Instruments CC115LRGPR Datasheet HTML 18Page - Texas Instruments CC115LRGPR Datasheet HTML 19Page - Texas Instruments CC115LRGPR Datasheet HTML 20Page - Texas Instruments CC115LRGPR Datasheet HTML 21Page - Texas Instruments CC115LRGPR Datasheet HTML 22Page - Texas Instruments CC115LRGPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 74 page
background image
SI
Header
SRES
Header
Addr
Data
SO
CSn
CC115L
www.ti.com
SWRS105B – MAY 2011 – REVISED JUNE 2014
5.5.2
Register Access
The configuration registers on the CC115L are located on SPI addresses from 0x00 to 0x2E. Table 5-14
lists all configuration registers. It is highly recommended to use SmartRF Studio SWRC176 to generate
optimum register settings. The detailed description of each register is found in Section 5.19.1 and
Section 5.19.2. All configuration registers can be both written to and read. The R/W bit controls if the
register should be written to or read. When writing to registers, the status byte is sent on the SO pin each
time a header byte or data byte is transmitted on the SI pin. When reading from registers, the status byte
is sent on the SO pin each time a header byte is transmitted on the SI pin.
Registers with consecutive addresses can be accessed in an efficient way by setting the burst bit (B) in
the header byte. The address bits (A5 - A0) set the start address in an internal address counter. This
counter is incremented by one each new byte (every 8 clock pulses). The burst access is either a read or
a write access and must be terminated by setting CSn high.
For register addresses in the range 0x30 - 0x3D, the burst bit is used to select between status registers
when burst bit is one, and between command strobes when burst bit is zero (see Section 5.5.3). Because
of this, burst access is not available for status registers and they must be accessed one at a time. The
status registers can only be read.
5.5.3
SPI Read
When reading register fields over the SPI interface while the register fields are updated by the radio
hardware (that is, MARCSTATE or TXBYTES), there is a small, but finite, probability that a single read
from the register is being corrupt. As an example, the probability of any single read from TXBYTES being
corrupt, assuming the maximum data rate is used, is approximately 80 ppm. Refer to the CC115L Errata
Notes SWRZ037 for more details.
5.5.4
Command Strobes
Command Strobes may be viewed as single byte instructions to CC115L. By addressing a command
strobe register, internal sequences will be started. These commands are used to disable the crystal
oscillator, enable transmit mode, enable calibration etc. The 11 command strobes are listed in Table 5-13.
NOTE
An SIDLE strobe will clear all pending command strobes until IDLE state is reached. This
means that if for example an SIDLE strobe is issued while the radio is in TX state, any other
command strobes issued before the radio reaches IDLE state will be ignored.
The command strobe registers are accessed by transferring a single header byte (no data is being
transferred). That is, only the R/W bit, the burst access bit (set to 0), and the six address bits (in the range
0x30 through 0x3D) are written. The R/W bit should be set to zero if the FIFO_BYTES_AVAILABLE field
in the status byte should be interpreted.
When writing command strobes, the status byte is sent on the SO pin.
A command strobe may be followed by any other SPI access without pulling CSn high. However, if an
SRES strobe is being issued, one will have to wait for SO to go low again before the next header byte can
be issued as shown in Figure 5-4. The command strobes are executed immediately, with the exception of
the SPWD and the SXOFF strobes, which are executed when CSn goes high.
Figure 5-4. SRES Command Strobe
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
19
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com