전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CC115LRGPR 데이터시트(PDF) 25 Page - Texas Instruments

부품명 CC115LRGPR
상세설명  CC115L Value Line Transmitter
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

CC115LRGPR 데이터시트(HTML) 25 Page - Texas Instruments

Back Button CC115LRGPR Datasheet HTML 21Page - Texas Instruments CC115LRGPR Datasheet HTML 22Page - Texas Instruments CC115LRGPR Datasheet HTML 23Page - Texas Instruments CC115LRGPR Datasheet HTML 24Page - Texas Instruments CC115LRGPR Datasheet HTML 25Page - Texas Instruments CC115LRGPR Datasheet HTML 26Page - Texas Instruments CC115LRGPR Datasheet HTML 27Page - Texas Instruments CC115LRGPR Datasheet HTML 28Page - Texas Instruments CC115LRGPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 74 page
background image
CC115L
www.ti.com
SWRS105B – MAY 2011 – REVISED JUNE 2014
5.8.2
Packet Handling
The payload that is to be transmitted must be written into the TX FIFO. The first byte written must be the
length byte when variable packet length is enabled. The length byte has a value equal to the payload of
the packet (including the optional address byte). If the receiver is the CC110L, CC113L, or CC1101, and
address recognition is enabled, the second byte written to the TX FIFO must be the address byte.
If fixed packet length is enabled, the first byte written to the TX FIFO should be the address (assuming the
receiver uses address recognition).
The modulator will first send the programmed number of preamble bytes. If data is available in the TX
FIFO, the modulator will send the two-byte (optionally 4-byte) sync word followed by the payload in the TX
FIFO. If CRC is enabled, the checksum is calculated over all the data pulled from the TX FIFO, and the
result is sent as two extra bytes following the payload data. If the TX FIFO runs empty before the
complete packet has been transmitted, the radio will enter TXFIFO_UNDERFLOW state. The only way to
exit this state is by issuing an SFTX strobe. Writing to the TX FIFO after it has underflowed will not restart
TX mode.
5.8.3
Packet Handling in Firmware
When implementing a packet oriented radio protocol in firmware, the MCU needs to know when a packet
has been transmitted. Additionally, for packets longer than 64 bytes, the TX FIFO needs to be refilled
while in TX. This means that the MCU needs to know the number of bytes that can be written to the TX
FIFO. There are two possible solutions to get the necessary status information:
a. Interrupt Driven Solution
The GDO pins can be used to give an interrupt when a sync word has been transmitted or when a
complete packet has been transmitted by setting IOCFGx.GDOx_CFG=0x06. In addition, there are two
configurations for the IOCFGx.GDOx_CFG register that can be used as an interrupt source to provide
information
on
how
many
bytes
that
are
in
the
TX
FIFO
(IOCFGx.GDOx_CFG=0x02
and
IOCFGx.GDOx_CFG=0x03). See Table 5-12 for more information.
b. SPI Polling
The PKTSTATUS register can be polled at a given rate to get information about the current GDO2 and
GDO0 values respectively. The TXBYTES registers can be polled at a given rate to get information about
the number of bytes in the and TX FIFO. Alternatively, the number of bytes in the TX FIFO can be read
from the chip status byte returned on the MISO line each time a header byte, data byte, or command
strobe is sent on the SPI bus.
It is recommended to employ an interrupt driven solution due to a small, but finite, probability that a single
read from registers PKTSTATUS and TXBYTES is being corrupt. The same is the case when reading the
chip status byte (see Section 5.5.3 and the CC115L Errata Notes SWRZ036).
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
25
Submit Documentation Feedback
Product Folder Links: CC115L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com