전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM505LRBABF 데이터시트(PDF) 118 Page - Texas Instruments

부품명 DM505LRBABF
상세설명  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF 데이터시트(HTML) 118 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 114Page - Texas Instruments DM505LRBABF Datasheet HTML 115Page - Texas Instruments DM505LRBABF Datasheet HTML 116Page - Texas Instruments DM505LRBABF Datasheet HTML 117Page - Texas Instruments DM505LRBABF Datasheet HTML 118Page - Texas Instruments DM505LRBABF Datasheet HTML 119Page - Texas Instruments DM505LRBABF Datasheet HTML 120Page - Texas Instruments DM505LRBABF Datasheet HTML 121Page - Texas Instruments DM505LRBABF Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 295 page
background image
118
DM505
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2018, Texas Instruments Incorporated
Table 5-29. VIN1 IOSETs
SIGNALS
IOSET1
IOSET2
IOSET3
IOSET4
BALL
MUX
BALL
MUX
BALL
MUX
BALL
MUX
vin1a
vin1a_clk0
F22
0
F22
0
F22
0
F22
0
vin1a_de0
F21
0
F21
0
F21
0
F19
2
vin1a_fld0
F20
0
vin1a_hsync0
F19
0
vin1a_vsync0
G19
0
G19
0
G19
0
G19
0
vin1a_d0
G18
0
G18
0
G18
0
G18
0
vin1a_d1
G21
0
G21
0
G21
0
G21
0
vin1a_d2
G22
0
G22
0
G22
0
G22
0
vin1a_d3
H18
0
H18
0
H18
0
H18
0
vin1a_d4
H20
0
H20
0
H20
0
H20
0
vin1a_d5
H19
0
H19
0
H19
0
H19
0
vin1a_d6
H22
0
H22
0
H22
0
H22
0
vin1a_d7
H21
0
H21
0
H21
0
H21
0
vin1a_d8
J17
0
J17
0
vin1a_d9
K22
0
K22
0
vin1a_d10
K21
0
K21
0
vin1a_d11
K18
0
K18
0
vin1a_d12
K17
0
AB17
2
vin1a_d13
K19
0
U17
2
vin1a_d14
K20
0
W17
2
vin1a_d15
L21
0
AA17
2
vin1b
vin1b_clk1
F21
2
vin1b_hsync1
W7
7
vin1b_vsync1
W6
7
vin1b_d0
J17
2
vin1b_d1
K22
2
vin1b_d2
K21
2
vin1b_d3
K18
2
vin1b_d4
K17
2
vin1b_d5
K19
2
vin1b_d6
K20
2
vin1b_d7
L21
2
Table 5-30. VIN2 IOSETs
SIGNALS
IOSET1
IOSET2
IOSET3
BALL
MUX
BALL
MUX
BALL
MUX
vin2a
vin2a_clk0
L22
0
AB17
9
L22
0
vin2a_de0
M17
0
AA17
9
vin2a_fld0
M18
0
U16
9
vin2a_hsync0
W7
2
F14
9
vin2a_vsync0
W6
2
W6
2
C14
9
vin2a_d0
AA14
2
AA14
2
AA14
2
vin2a_d1
AB14
2
AB14
2
AB14
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More