전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL6294 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL6294
상세설명  High Input Voltage Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6294 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL6294_07 Datasheet HTML 1Page - Intersil Corporation ISL6294_07 Datasheet HTML 2Page - Intersil Corporation ISL6294_07 Datasheet HTML 3Page - Intersil Corporation ISL6294_07 Datasheet HTML 4Page - Intersil Corporation ISL6294_07 Datasheet HTML 5Page - Intersil Corporation ISL6294_07 Datasheet HTML 6Page - Intersil Corporation ISL6294_07 Datasheet HTML 7Page - Intersil Corporation ISL6294_07 Datasheet HTML 8Page - Intersil Corporation ISL6294_07 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FN9174.4
July 9, 2007
Typical Applications
ISL6294
VIN
BAT
IREF
GND
TO INPUT
C1
CHG
RIREF
EN
TO BATTERY
R1
C2
D1
D2
IMIN
RIMIN
ON
OFF
PPR
R2
FIGURE 1. TYPICAL APPLICATION CIRCUIT INTERFACING TO INDICATION LEDs
COMPONENT DESCRIPTION FOR FIGURE 1
PART
DESCRIPTION
C1
1
μF X5R ceramic cap
C2
1
μF X5R ceramic cap
RIREF
24.3k
Ω, 1%, for 500mA charge current
RIMIN
243k
Ω, 1%, for 45mA EOC current
R1, R2
300
Ω, 5%
D1, D2
LEDs for indication
COMPONENT DESCRIPTION FOR FIGURE 2
PART
DESCRIPTION
C1
1
μF X5R ceramic cap
C2
1
μF X5R ceramic cap
RIREF
24.3k
Ω, 1%, for 500mA charge current
RIMIN
243k
Ω, 1%, for 45mA EOC current
R1, R2
100k
Ω, 5%
FIGURE 2. TYPICAL APPLICATION CIRCUIT WITH THE INDICATION SIGNALS INTERFACING TO A MCU
ISL6294
VIN
BAT
IREF
GND
TO INPUT
CHG
EN
TO BATTERY
IMIN
ON
OFF
PPR
VCC
C1
RIREF
R1
C2
RIMIN
R2
ISL6294



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com