전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL6294 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 ISL6294
상세설명  High Input Voltage Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6294 데이터시트(HTML) 5 Page - Intersil Corporation

  ISL6294_07 Datasheet HTML 1Page - Intersil Corporation ISL6294_07 Datasheet HTML 2Page - Intersil Corporation ISL6294_07 Datasheet HTML 3Page - Intersil Corporation ISL6294_07 Datasheet HTML 4Page - Intersil Corporation ISL6294_07 Datasheet HTML 5Page - Intersil Corporation ISL6294_07 Datasheet HTML 6Page - Intersil Corporation ISL6294_07 Datasheet HTML 7Page - Intersil Corporation ISL6294_07 Datasheet HTML 8Page - Intersil Corporation ISL6294_07 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FN9174.4
July 9, 2007
Description
The ISL6294 charges a Li-ion battery using a CC/CV profile.
The constant current IREF is set with the external resistor
RIREF (See Figure 1) and the constant voltage is fixed at
4.2V. If the battery voltage is below a typical 2.55V trickle-
charge threshold, the ISL6294 charges the battery with a
trickle current of 19% of IREF until the battery voltage rises
above the trickle charge threshold. Fast charge CC mode is
maintained at the rate determined by programming IREF until
the cell voltage rises to 4.2V. When the battery voltage
reaches 4.2V, the charger enters a CV mode and regulates
the battery voltage at 4.2V to fully charge the battery without
the risk of over charge. Upon reaching an end-of-charge
(EOC) current, the charger indicates the charge completion
with the CHG pin, but the charger continues to output the
4.2V voltage. Figure 4 shows the typical charge waveforms
after the power is on.
The EOC current level IMIN is programmable with the
external resistor RIMIN (See Figure 1). The CHG signal turns
FIGURE 3. BLOCK DIAGRAM
VREF
EN
+115°C
DIE
TEMP
VIN
PPR
EN
GND
CHG
IMIN
IREF
BAT
200k
VOS
BAT
POR
CHARGE
CONTROL
PRE
REG
VCC
VREF
VCC
IREF
TRICKLE
CC
CV
IMIN
4.2V
TIME
2.55V
CHG
CHARGE
CURRENT
CHARGE
VOLTAGE
CHG
INDICATION
76%I
REF
19%IREF
FIGURE 4. TYPICAL CHARGE PROFILE
ISL6294



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com