전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAN8818D/KDX 데이터시트(PDF) 36 Page - Microchip Technology

부품명 LAN8818D/KDX
상세설명  4-Port Gigabit Ethernet Transceiver with QSGMII
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8818D/KDX 데이터시트(HTML) 36 Page - Microchip Technology

Back Button LAN8818D/KDX Datasheet HTML 32Page - Microchip Technology LAN8818D/KDX Datasheet HTML 33Page - Microchip Technology LAN8818D/KDX Datasheet HTML 34Page - Microchip Technology LAN8818D/KDX Datasheet HTML 35Page - Microchip Technology LAN8818D/KDX Datasheet HTML 36Page - Microchip Technology LAN8818D/KDX Datasheet HTML 37Page - Microchip Technology LAN8818D/KDX Datasheet HTML 38Page - Microchip Technology LAN8818D/KDX Datasheet HTML 39Page - Microchip Technology LAN8818D/KDX Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 101 page
background image
LAN8818D
DS00005832C-page 36
© 2026 Microchip Technology Inc. and its subsidiaries
After running the cable diagnostics, perform another software reset via the Basic Control Register.
APPLICATION NOTE: If the Cable Diagnostics Status (VCT_ST[1:0]) field indicates Failed, it is generally due to
multiple pulses being received after sending out a single pulse. In this Partially Active test,
the Link Partner is allowed to be in the Auto-Negotiation state, but if the Link Partner is
mistakenly in forced 1000BASE-T or 100BASE-TX mode, the test will fail.
APPLICATION NOTE: Any signal received from a link partner will interfere with the TDR test. Energy detection
must first be checked on each wire pair by using the procedure in Section 5.20.2, "Energy-
Detect Power-Down Mode".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More