전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAN8818D/KDX 데이터시트(PDF) 7 Page - Microchip Technology

부품명 LAN8818D/KDX
상세설명  4-Port Gigabit Ethernet Transceiver with QSGMII
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8818D/KDX 데이터시트(HTML) 7 Page - Microchip Technology

Back Button LAN8818D/KDX Datasheet HTML 3Page - Microchip Technology LAN8818D/KDX Datasheet HTML 4Page - Microchip Technology LAN8818D/KDX Datasheet HTML 5Page - Microchip Technology LAN8818D/KDX Datasheet HTML 6Page - Microchip Technology LAN8818D/KDX Datasheet HTML 7Page - Microchip Technology LAN8818D/KDX Datasheet HTML 8Page - Microchip Technology LAN8818D/KDX Datasheet HTML 9Page - Microchip Technology LAN8818D/KDX Datasheet HTML 10Page - Microchip Technology LAN8818D/KDX Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 101 page
background image
LAN8818D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00005832C-page 7
1.3
Pin Reset States
The pin reset state definitions are detailed in Table 1-3. Refer to Table 3-1 for details on individual pin reset states.
1.4
Reference Documents
1.
IEEE Standard for Ethernet, IEEE 802.3-2018, https://standards.ieee.org/standard/802_3-2018.html
2.
IEEE Standard for a Precision Clock Synchronization Protocol for Networked Measurement and Control Sys-
tems, IEEE 1588-2008, https://standards.ieee.org/standard/1588-2008.html
3.
IEEE Standard for Ethernet Amendment 5: Specification and Management Parameters for Interspersing Express
Traffic, IEEE 802.3br™-2016, https://standards.ieee.org/standard/802_3br-2016.html
4.
IEEE Standard for Local and Metropolitan Area Networks Bridges and Bridged Networks Amendment 26: Frame
Preemption, IEEE 802.1Qbu™-2016, https://standards.ieee.org/standard/802_1Qbu-2016.html
5.
ITU-T
Timing
and
Synchronization
Aspects
in
Packet
Networks,
ITU-T
G.8261
08/2013,
https://www.itu.int/rec/T-REC-G.8261
6.
Cisco QSGMII Specification, EDCS-540123 Rev. 1.3
7.
Cisco Q-USGMII Specification, EDCS-1155168 Rev. 4.2
TABLE 1-3:
PIN RESET STATE LEGEND
Symbol
Description
AI
Analog input
AO
Analog output
PD
Hardware enables pull-down
PU
Hardware enables pull-up
Y
Hardware enables function
Z
Hardware disables output driver (high impedance)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More