전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GD32H757VMT7 데이터시트(PDF) 53 Page - GigaDevice Semiconductor (Beijing) Inc.

부품명 GD32H757VMT7
상세설명  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
홈페이지  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 데이터시트(HTML) 53 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 151 page
background image
GD32H757xx Datasheet
52
BGA100
Pin Name
Pins
Pin
Type(1)
I/O
Level(2)
Functions description
Alternate: TRACED3, EXMC_D6, TIMER14_CH0,
SPI5_SCK, I2S5_CK, SPI2_MOSI, I2S2_SD, USART2_CK,
UART4_TX, SDIO0_CK, DCI_D9, TLI_R6, EVENTOUT
PD0
D8
I/O
Default: PD0
Alternate:
TIMER7_CH2, HPDF_CKIN6, UART3_RX,
CAN0_RX, EXMC_D2, TRIGSEL_IN3, TLI_B1, EVENTOUT
PD1
E8
I/O
Default: PD1
Alternate: HPDF_DATAIN6, UART3_TX, CAN0_TX,
EXMC_D3, TRIGSEL_IN6, EVENTOUT
PD2
B7
I/O
Default: PD2
Alternate: TRACED2, EXMC_D7, TIMER2_ETI,
TIMER14_BRKIN0, UART4_RX, TLI_B7, SDIO0_CMD,
DCI_D11, TLI_B2, EVENTOUT
PD3
C7
I/O
Default: PD3
Alternate: HPDF_CKOUT, SPI1_SCK, I2S1_CK,
USART1_CTS, EXMC_CLK, DCI_D5, TLI_G7, EVENTOUT
PD4
D7
I/O
Default: PD4
Alternate: TIMER7_MCH3, USART1_RTS, USART1_DE,
OSPIM_P0_IO4, EXMC_NOE, EVENTOUT
PD5
B6
I/O
Default: PD5
Alternate: TIMER7_CH3, USART1_TX, OSPIM_P0_IO5,
EXMC_NWE, EVENTOUT
PD6
C6
I/O
Default: PD6
Alternate: SAI1_DAT0, SAI0_DAT0, HPDF_CKIN4,
HPDF_DATAIN1, SPI2_MOSI, I2S2_SD, SAI0_SD0,
USART1_RX, OSPIM_P0_IO6, SDIO1_CK, EXMC_NWAIT,
DCI_D10, TLI_B2, EVENTOUT
PD7
D6
I/O
Default: PD7
Alternate: HPDF_DATAIN4, SPI0_MOSI, I2S0_SD,
HPDF_CKIN1, USART1_CK, RSPDIF_CH0,
OSPIM_P0_IO7, SDIO1_CMD, EXMC_NE0, EXMC_NCE,
EVENTOUT
VSS
E6
P
-
Default: VSS
PB3
A7
I/O
Default: JTDO, PB3
Alternate: TRACESWO, TIMER1_CH1, TLI_PIXCLK,
SPI0_SCK, I2S0_CK, SPI2_SCK, I2S2_CK, SPI5_SCK,
I2S5_CK, SDIO1_D2, CTC_SYNC, UART6_RX, MDIO_A4,
TRIGSEL_OUT7, TIMER23_ETI, EVENTOUT
PB4
A6
I/O
Default: NJTRST, PB4
Alternate: TIMER15_BRKIN0, TIMER2_CH0, SPI0_MISO,
SPI2_MISO, SPI1_NSS, I2S1_WS, SPI5_MISO, SDIO1_D3,
UART6_TX, TRIGSEL_OUT6, EVENTOUT
PB5
C5
I/O
Default: PB5
Alternate: TIMER16_BRKIN0, TIMER2_CH1, TLI_B5,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More