| 전자부품 데이터시트 검색엔진 |
|
GD32H757VMT7 데이터시트(PDF) 57 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD32H757VMT7 데이터시트(HTML) 57 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
57 / 151 page ![]() GD32H757xx Datasheet 56 Pin Name AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 PB15 RTC_REFI N TIMER0_ MCH2 TIMER7_ MCH2 USART0_ RX SPI1_MO SI/I2S1_S D HPDF_CKI N2 UART3_ CTS SDIO1_D1 EXMC_D 11 TRIGSEL_ OUT5 TLI_G7 EVENTOUT Table 2-8. Port C alternate functions summary Pin Name AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 PC0 EXMC_D 12 HPDF_CKI N0 HPDF_DA TAIN4 TIMER40_C H0 SAI1_FS 1 EXMC_A25 USBHS0_U LPI_STP TLI_G2 EXMC_SD NWE TRIGSE L_IN8 TLI_R5 EVENTOUT PC1 TRACED 0 SAI2_DA T0(1) SAI0_DAT0 HPDF_DAT AIN0 HPDF_CKI N4 SPI1_MOSI /I2S1_SD SAI0_SD0 TIMER40_ MCH0 SAI2_SD 0(1) SDIO1_CK OSPIM_P0 _IO4 ETH0_MD C MDIO_MD C TRIGSE L_IN9 TLI_G5 EVENTOUT PC4 PMU_DE EPSLEE P EXMC_A 22 HPDF_CKI N2 I2S0_MCK TIMER41_C H0 RSPDIF_C H2 SDIO1_CKI N ETH0_RMII _RXD0 EXMC_SD NE0 TLI_R7 EVENTOUT PC5 PMU_SL EEP SAI2_DA T2(1) SAI0_DAT2 HPDF_DAT AIN2 TIMER41_ MCH0 RSPDIF_C H3 ETH0_RMII _RXD1 EXMC_SD CKE0 CMP0_ OUT TLI_DE EVENTOUT PC6 TIMER0_ BRKIN1 TIMER2_C H0 TIMER7_C H0 HPDF_CKI N3 I2S1_MCK USART5_T X SDIO0_D AT0DIR EXMC_NW AIT SDIO1_D6 SDIO0_D6 DCI_D0 TLI_HS YNC EVENTOUT PC7 TIMER0_ CH3 TIMER2_C H1 TIMER7_C H1 HPDF_DAT AIN3 I2S2_MCK USART5_R X SDIO0_D AT123DI R EXMC_NE 0 SDIO1_D7 SDIO0_D7 DCI_D1 TLI_G6 EVENTOUT PC8 TRACED 1 TIMER2_C H2 TIMER7_C H2 USART5_C K UART4_ RTS/UA RT4_DE EXMC_NE 1 EXMC_INT SDIO0_D0 DCI_D2 EVENTOUT PC9 CK_OUT 1 TIMER0_ MCH3 TIMER2_C H3 TIMER7_C H3 I2C2_SDA I2S_CKIN UART4_ CTS OSPIM_P0 _IO0 TLI_G3 SDIO0_D1 DCI_D3 TLI_B2 EVENTOUT PC10 TIMER0_ CH3 HPDF_CKI N5 SPI2_SCK/ I2S2_CK USART2_T X UART3_ TX OSPIM_P0 _IO1 TLI_B1 MDIO_A1 SDIO0_D2 DCI_D8 TLI_R2 EVENTOUT PC11 TIMER0_ ETI HPDF_DAT AIN5 SPI2_MIS O USART2_R X UART3_ RX OSPIM_P0 _CSN EXMC_NB L2 MDIO_A2 SDIO0_D3 DCI_D4 TLI_B4 EVENTOUT PC12 TRACED 3 EXMC_D 6 TIMER14_ CH0 SPI5_SCK/ I2S5_CK SPI2_MOS I/I2S2_SD USART2_C K UART4_ TX SDIO0_CK DCI_D9 TLI_R6 EVENTOUT PC13 EVENTOUT PC14 EVENTOUT PC15 EVENTOUT |