| 전자부품 데이터시트 검색엔진 |
|
STM32L4P5CEU6PTR 데이터시트(PDF) 76 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU6PTR 데이터시트(HTML) 76 Page - STMicroelectronics |
|
76 / 311 page ![]() Table 15. STM32L4P5xx pin definitions Pin Number Pin name (function after reset) Alternate functions Additional functions - --- -- --- - D3 D3 - - M11 M11 VSS S - - - - - --- -- --- - C4 C4 - - C1 C1 VDD S - - - - - --- -- --- -- --- C3 C3 PI11 I/O FT - OCTOSPIM_P2_IO0, PSSI_D15, EVENTOUT - - - - - - - C8 B9 1 1 B2 B2 1 1 D3 D3 PE2 I/O FT _l - TRACECK, TIM3_ETR, SAI1_CK1, TSC_G7_IO1, LCD_R7, FMC_A23, SAI1_MCLK_A, EVENTOUT - - --- -- B10 B10 2 2 A1 A1 2 2 D2 D2 PE3 I/O FT _l - TRACED0, TIM3_CH1, OCTOSPIM_P1_DQS , TSC_G7_IO2, LCD_R6, FMC_A19, SAI1_SD_B, EVENTOUT - |